Electronic Components Datasheet Search
  English  ▼

X  

TIP700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP700
Description  16 (8) Digital Outputs, high and low side switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIP700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP700 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek / Germany
Phone: +49-(0)4101-4058-0
Fax: +49-(0)4101-4058-19
e-mail: info@tews.com
www.tews.com
TEWS TECHNOLOGIES LLC
1 E. Liberty Street, Sixth Floor
Reno, Nevada 89504 / USA
Phone: +1 (775) 686 6077
Fax: +1 (775) 686 6024
e-mail: usasales@tews.com
www.tews.com
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice
06/2002
IndustryPack is a registered trademark of SBS Technologies, Inc.
Application Information
The TIP700 is an IndustryPack® compatible module
providing 16 (8) digital outputs with galvanic isolation via
optocouplers. The outputs are isolated against each other
in groups of two.
All outputs resist short-circuits and are protected against
thermal overload. The outputs are capable of driving 0.5A
per channel. Each output can be configured individually as
high or low side switch.
For
First-Time-Buyers
the
engineering
documentation
TIP700-ED
is
recommended.
The
engineering
documentation includes TIP700-DOC, schematics and data
sheets.
Driver software (TIP700-SW-xx) is available for different
operating systems.
Technical Information
! Interface according to IndustryPack specification
! Identification-PROM supports auto-configuration
! Single Size IndustryPack
! 16 (8) digital outputs, high and low side switches
! 24V signal voltage, current per output 0.5A
! Optocouplers for galvanic isolation of outputs to
computer system
! Outputs are isolated against each other in groups of two
! Outputs are short-circuit protected
! Outputs protected against thermal overload
! Watchdog timer resets all channels in case of triggering
failure
ID-PROM
Output
Register
Decoder
Optocoupler
16(8) Output
Circuits
high-side
and
low-side
switches
Watch-
dog
Order Information
TIP700-10
16 Digital Outputs, 24V, 0.5A
high and low side switches
TIP700-20
Same as TIP700-10 but 8 outputs
TIP700-DOC
User Documentation
TIP700-ED
Engineering Documentation, includes TIP700-
DOC
TIP700-SW-12
OS-9 Software Support
TIP700-SW-32
pSOS Software Support
TIP700-SW-42
VxWorks Software Support
TIP700-SW-62
Windows NT 4.0 Software Support
TIP700-SW-72
LynxOS Software Support
TIP700-SW-82
LiNUX Software Support
TIP700-SW-92
QNX 4 Software Support
TIP700-SW-95
QNX 6 Software Support
TIP700 16 (8) Digital Outputs, high and low side switches


Similar Part No. - TIP700

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TIP700 TEWS-TIP700 Datasheet
169Kb / 2P
16 (8) Digital Outputs, high and low side switches
Application Information
TIP700-10R TEWS-TIP700-10R Datasheet
169Kb / 2P
16 (8) Digital Outputs, high and low side switches
Application Information
TIP700-20R TEWS-TIP700-20R Datasheet
169Kb / 2P
16 (8) Digital Outputs, high and low side switches
Application Information
TIP700-DOC TEWS-TIP700-DOC Datasheet
169Kb / 2P
16 (8) Digital Outputs, high and low side switches
Application Information
TIP700-SW-42 TEWS-TIP700-SW-42 Datasheet
169Kb / 2P
16 (8) Digital Outputs, high and low side switches
Application Information
More results

Similar Description - TIP700

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
logo
Infineon Technologies A...
TLE7234E INFINEON-TLE7234E Datasheet
718Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7237GS INFINEON-TLE7237GS Datasheet
705Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
TLE7234G INFINEON-TLE7234G Datasheet
697Kb / 36P
8 Channel High-Side and Low-Side Relay Switch
Rev. 1.0, October 2008
logo
International Rectifier
IRF9389PBF IRF-IRF9389PBF Datasheet
249Kb / 14P
High and Low Side Switches for Inverter
logo
Diodes Incorporated
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 3
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev 1
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2110 DIODES-DGD2110_V01 Datasheet
1Mb / 12P
HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16
Rev. 5 - 2 October 2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com