Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005CT Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMEG2005CT
Description  500 mA low VF dual MEGA Schottky barrier rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG2005CT Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMEG2005CT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 10Page - Nexperia B.V. All rights reserved PMEG2005CT Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMEG2005CT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 22 June 2010
6 of 14
NXP Semiconductors
PMEG2005CT
500 mA low VF dual MEGA Schottky barrier rectifier
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj =85 °C
(4) Tj =25 °C
(5) Tj = −40 °C
(1) Tj = 125 °C
(2) Tj =85 °C
(3) Tj =25 °C
(4) Tj = −40 °C
Fig 4.
Forward current as a function of forward
voltage; typical values
Fig 5.
Reverse current as a function of reverse
voltage; typical values
f=1MHz; Tamb =25 °C
Fig 6.
Diode capacitance as a function of reverse voltage; typical values
006aab536
VF (V)
0
0.6
0.4
0.2
10−2
10−3
1
10−1
10
IF
(A)
10−4
(1)
(2)
(3)
(4)
(5)
006aab537
10−2
10−3
10−4
10−5
10−6
10−7
10−8
IR
(A)
10−9
VR (V)
020
15
510
(1)
(2)
(3)
(4)
VR (V)
020
15
510
006aab538
50
75
25
100
125
Cd
(pF)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com