Electronic Components Datasheet Search
  English  ▼

X  

CY29943AI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY29943AI
Description  2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29943AI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY29943AI Datasheet HTML 1Page - Cypress Semiconductor CY29943AI Datasheet HTML 2Page - Cypress Semiconductor CY29943AI Datasheet HTML 3Page - Cypress Semiconductor CY29943AI Datasheet HTML 4Page - Cypress Semiconductor CY29943AI Datasheet HTML 5Page - Cypress Semiconductor CY29943AI Datasheet HTML 6Page - Cypress Semiconductor CY29943AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CY29943
Document #: 38-07285 Rev. *C
Page 5 of 7
VCC
GND
VCC /2
tP
T0
DC = tP / T0 x 100%
Figure 3. Output Duty Cycle (FoutDC)
tSK(0)
VCC
GND
VCC /2
VCC
GND
VCC /2
Figure 4. Output-to-Output Skew tsk(0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com