Electronic Components Datasheet Search
  English  ▼

X  

MJSV-10SS001 Datasheet(PDF) 4 Page - ITT Industries

Part # MJSV-10SS001
Description  Micro Center Jackscrew
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MJSV-10SS001 Datasheet(HTML) 4 Page - ITT Industries

  MJSV-10SS001 Datasheet HTML 1Page - ITT Industries MJSV-10SS001 Datasheet HTML 2Page - ITT Industries MJSV-10SS001 Datasheet HTML 3Page - ITT Industries MJSV-10SS001 Datasheet HTML 4Page - ITT Industries MJSV-10SS001 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micro Center Jackscrew
MJS
Shrouded Receptacle (76)
42
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
+
MJSR-76P
#2 (0.86) - 64 UNC-2B
THREADED INSERT
A
1.472
(37.39)
REF.
CAV.
#1
.100 (2.54) TYP.
.075
(1.91)
TYP.
CAV. #76
CAV. #62
C
.447
(11.35)
REF.
.570
(14.48)
MAX.
.035 (0.89)
.015 (0.38)
TYP.
B
D
CAV. #13
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+ ++
++ +
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
+
.570
(14.48)
MAX.
.453
(11.51)
TYP.
.075
(1.91)
TYP.
.100 (2.54)
TYP.
1.478 (37.54) TYP.
CAV. #1
C
A
1/16 SOCKET HEAD JACKSCREW
#2 (.086 - 64 UNC - 2A THREAD
.131 (3.33)
.121 (3.07)
TYP
B
.160
(4.06)
MAX.
.150 (3.81)
MAX.
MJSR-76S
Part Number
A
Max.
B
Max.
C
Ref.
D
±.006 (0.15)
MJSR-76P
MJSR-76S
1.595 (40.51)
1.595 (40.51)
.345 (8.76)
.357 (9.07)
1.400 (35.56)
1.400 (35.56)
.142 (3.61)
-
CAV. #62
CAV. #76
CAV. #13
STANDARD MATERIALS AND FINISHES
Micropin
Microsocket
Insulator
Jackscrew
Retainer, Jackscrew
Insert, Threaded
Copper alloy, 50 miro-inch gold
Copper alloy, 50 micro-inch gold
Polyphenylene sulfide, black color
Stainless steel, passivated
Stainless steel, passivated
Stainless steel, passivated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com