Electronic Components Datasheet Search
  English  ▼

X  

CH31391S Datasheet(PDF) 1 Page - Cvilux Corporation

Part # CH31391S
Description  9 54MM(100") STRAIGHT BOARD MOUNT PN HEADER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CVILUX [Cvilux Corporation]
Direct Link  https://www.cvilux.com/
Logo CVILUX - Cvilux Corporation

CH31391S Datasheet(HTML) 1 Page - Cvilux Corporation

  CH31391S Datasheet HTML 1Page - Cvilux Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CviLux
2021.07.29
CVILUX COUP
ISSUED


Similar Part No. - CH31391S

ManufacturerPart #DatasheetDescription
logo
Cvilux Corporation
CH31021M1-00-NH CVILUX-CH31021M1-00-NH Datasheet
162Kb / 2P
9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
CH31021M1-0P-NH CVILUX-CH31021M1-0P-NH Datasheet
162Kb / 2P
9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
CH31022M1-00-NH CVILUX-CH31022M1-00-NH Datasheet
162Kb / 2P
9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
CH31022M1-0P-NH CVILUX-CH31022M1-0P-NH Datasheet
162Kb / 2P
9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
CH31023M1-00-NH CVILUX-CH31023M1-00-NH Datasheet
162Kb / 2P
9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
More results

Similar Description - CH31391S

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022124092 MOLEX2-0022124092 Datasheet
136Kb / 3P
2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 9 Circuits
0022292091 MOLEX3-0022292091 Datasheet
435Kb / 6P
2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical, with Friction Lock, 9 Circuits
0022288095 MOLEX3-0022288095 Datasheet
363Kb / 20P
2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 9 Circuits
0022288090 MOLEX3-0022288090 Datasheet
363Kb / 20P
2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 9 Circuits
0022289093 MOLEX3-0022289093 Datasheet
363Kb / 20P
2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 9 Circuits
0473140052 MOLEX6-0473140052 Datasheet
369Kb / 6P
1.00mm (.039") Pitch 54mm ExpressCard* Header, Top Mount, with Push-Push Mechanism, Lead free
logo
List of Unclassifed Man...
XXXCXXXSXXN-RC ETC2-XXXCXXXSXXN-RC Datasheet
193Kb / 1P
HEADER MALE .100 PITCH, STRAIGHT
logo
Adam Technologies, Inc.
LHT-XX-TS ADAM-TECH-LHT-XX-TS Datasheet
73Kb / 1P
WIRE TO BOARD HEADER STRAIGHT
logo
Cvilux Corporation
CH3102S CVILUX-CH3102S Datasheet
100Kb / 1P
2. 54MM(.100") RIGHT ANGLE BOARD MOUNT PN HEADER
CH31201S CVILUX-CH31201S Datasheet
162Kb / 2P
9 54mm(.100") SINGLE ROW SURFACE BOARD MOUNT PIN HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com