Electronic Components Datasheet Search
  English  ▼

X  

FCPS-24FE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FCPS-24FE
Description  24 Volt, 6 Amp Remote Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FCPS-24FE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FCPS-24FE Datasheet HTML 1Page - List of Unclassifed Manufacturers FCPS-24FE Datasheet HTML 2Page - List of Unclassifed Manufacturers FCPS-24FE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 — DF-51401• 07/13/04
SPECIFICA
SPECIFICA
SPECIFICA
SPECIFICA
SPECIFICATIONS
TIONS
TIONS
TIONS
TIONS
Primary (AC) Power
• FCPS-24F: 120 VAC 50/60 Hz, 2.0 A max.
• FCPS-24FE: 220/240 VAC 50/60 Hz, 1.0 A max.
• Wire size: minimum #14 AWG (2.0 mm²) with 600V
insulation.
Control Input Circuit
• Trigger Input Voltage: 9.0 to 32 VDC.
• Trigger Current:
2.0 mA (16 - 32 V).
(per input)
1.0 mA (9 - 16 V).
Trouble Contact Rating
• 5 amps at 24 VDC.
TERMINAL DESIGNA
TERMINAL DESIGNA
TERMINAL DESIGNA
TERMINAL DESIGNA
TERMINAL DESIGNATIONS
TIONS
TIONS
TIONS
TIONS
ORDERING INFORMA
ORDERING INFORMA
ORDERING INFORMA
ORDERING INFORMA
ORDERING INFORMATION
TION
TION
TION
TION
FCPS-24F
Remote charger power supply (120 VAC).
Includes main printed circuit board,
transformers, red enclosure, and
installation instructions.
FCPS-24FE
Remote charger power supply (220/240
VAC). Includes main printed circuit
board, transformers, red enclosure, and
installation instructions.
Auxiliary Power Output
• Specific Application Power - 45 mA Short Circuit.
Output Circuits
• +24 VDC (19.1 - 26.4) filtered, regulated.
• 3.0 amps maximum for any one circuit.
• 4.0 amps maximum total continuous current for all out-
puts (Stand-alone mode).
• 6.0 amps maximum total short-term current for all outputs
(NAC Expander mode).
Secondary Power (Battery) Charging Circuit
• Supports lead acid batteries only.
• Float Charge Voltage: 27.6V.
• Maximum Charge Current: 250 mA.
• Maximum Battery Capacity: 7.0 AH.
Notes:
1) Cut JP1 to use a UL listed external
battery charger, or MPM-4F ammeter/
voltmeter.
2) Cut R134 to delay AC loss report-
ing for 8 hours (24-hour standby), or
cut R134 and R76 to delay AC loss
reporting 16 hours (60-hour standby).
3) Cut R175 to make output #2 non-
resettable in stand-alone mode.
4) Cut R176 to make output #4 non-
resettable in stand-alone mode.
A77-716B
12/24 VDC end-of-line relay for
monitoring 4-wire smoke detector power.
BAT-1270
Battery, 12 volt, 7.0 AH (two required).
MPM-4F
Optional ammeter/voltmeter. Mounts in
FCPS backbox.
MPM-4F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com