Electronic Components Datasheet Search
  English  ▼

X  

EPA2013D Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPA2013D
Description  10Base-T Interface Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPA2013D Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPA2013D Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• General Purpose 10Base-T Filter Module
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Add “-RC” after part number for RoHS Compliant
• Available in SMD and DIP Packages
EPA2013D & EPA2013D-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSA2013D & --RC
Rev. G2
9/20/06 JDG
•
Isolation : meets or exceeds 802.3 IEEE Requirements • Characteristic Filter Impedance : 100
Ω •
• Referenced to the Output Level Fundamental Frequency @ 5 MHz • CMC is common to both channels •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1/-1
Xmit/Rcv
Return
Loss
(dB Min.)
5-10 MHz
-15/-15
Xmit/Rcv
@ 25 MHz
-19/-14
Xmit/Rcv
@ 100 MHz
Xmit
-25
@ 30 MHz
-30/-20
Xmit/Rcv
Cut-Off
Frequency
(MHz)
± 1.0 MHz
17/17
Xmit/Rcv
@ 50 MHz
Xmit
-30
Crosstalk
(dB Min.)
-30/-30
1-10 MHz
Xmit/Rcv
Attenuation
(dB Min.)
@ 20 MHz
-7/-6
Xmit/Rcv
@ 40 MHz
-35/-31
Xmit/Rcv
Schematic
Transmit Channel
14
15
16
3
1
LPF
2
1:1
Receive Channel
9
10
11
8
6
LPF
7
1:1
Notes :
1. Lead Finish
2. Peak Temperature Rating (Wave Solder Process Only)
(per IPC/JEDEC-J-STD-020C)
3. Weight
4. Packaging Information
(Tube)
EPA2013D-RC
260°C
10 (+2/-0) seconds
2.8 grams
19 pieces/tube
EPA2013D
225°C
2.8 grams
19 pieces/tube
SnPb
Hot Tin Dip (Sn) †
† Lead Material : Matte Tin with Ni Barrier
Package
.310/.375
(7.87/9.53)
Pin 1
I.D.
.125/.150
(3.18/3.81)
.100
(2.54)
.008/.012
(.203/.305)
PCA
EPA2013D(-RC)
Date Code
.145
(3.68)
.300
(7.62)
.990
(25.15)
.020/.030
(.508/.762)
.300
(7.62)
.018/.022
(.457/.599)
.700
(17.78)
.270
(6.86)
.325
(8.26)
.700
(17.78)
Component Outline
.390 x .990
(10.13 x 25.15)
Suggested
PCB Layout
.300
(7.62)
.034 Ø (.864) Drill
.060 Ø (1.52) Solder Pad


Similar Part No. - EPA2013D

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2013D PCA-EPA2013D Datasheet
3Mb / 91P
10Base-T Interface Module with Enhanced Common Mode Attenuation
EPA2013D PCA-EPA2013D Datasheet
27Kb / 1P
10Base-T Interface Module
EPA2013DG PCA-EPA2013DG Datasheet
50Kb / 2P
10 Base-T Interface Module
EPA2013D PCA-EPA2013D_07 Datasheet
27Kb / 1P
10Base-T Interface Module
More results

Similar Description - EPA2013D

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA1533AG PCA-EPA1533AG Datasheet
147Kb / 2P
10Base-T Interface Module
EPA1990A PCA-EPA1990A Datasheet
21Kb / 1P
10Base-T Interface Module
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
10Base-T Interface Module
EPE6079 PCA-EPE6079 Datasheet
189Kb / 1P
10Base-T Interface Module
EPE6166AS PCA-EPE6166AS Datasheet
70Kb / 1P
10Base-T Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
10Base-T Interface Module
EPE6372S PCA-EPE6372S Datasheet
26Kb / 1P
10Base-T Interface Module
EPE6376S PCA-EPE6376S_09 Datasheet
70Kb / 1P
10Base-T Interface Module
EPE6381 PCA-EPE6381_09 Datasheet
62Kb / 1P
10Base-T Interface Module
EPE6010S PCA-EPE6010S Datasheet
60Kb / 1P
10Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com