Electronic Components Datasheet Search
  English  ▼

X  

IRK71 Datasheet(PDF) 3 Page - International Rectifier

Part # IRK71
Description  ADD-A-pak GEN V Power Modules
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK71 Datasheet(HTML) 3 Page - International Rectifier

  IRK71 Datasheet HTML 1Page - International Rectifier IRK71 Datasheet HTML 2Page - International Rectifier IRK71 Datasheet HTML 3Page - International Rectifier IRK71 Datasheet HTML 4Page - International Rectifier IRK71 Datasheet HTML 5Page - International Rectifier IRK71 Datasheet HTML 6Page - International Rectifier IRK71 Datasheet HTML 7Page - International Rectifier IRK71 Datasheet HTML 8Page - International Rectifier IRK71 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRK.71, .91 Series
3
Bulletin I27132 rev. H 10/02
www.irf.com
I
RRM
Max. peak reverse and
I
DRM
off-state leakage current
at VRRM, VDRM
2500 (1 min)
50 Hz, circuit to base, all terminals
3500 (1 sec)
shorted
dv/dt Max. critical rate of rise
T
J
= 125oC, linear to 0.67 V
DRM
,
of off-state voltage (5)
gate open circuit
T
J
Junction operating
temperature range
T
stg
Storage temp. range
- 40 to 125
R
thJC
Max. internal thermal
resistance, junction
0.165
0.135
Per module, DC operation
to case
R
thCS
Typical thermal resistance
case to heatsink
T
Mounting torque ± 10%
to heatsink
busbar
3
wt
Approximate weight
110 (4)
gr (oz)
Case style
TO-240AA
JEDEC
15
mA
T
J
= 125 oC, gate open circuit
Thermal and Mechanical Specifications
500
V/
µs
Parameters
IRK.71
IRK.91
Units
Conditions
- 40 to 125
0.1
5
Triggering
Blocking
(5) Available with dv/dt = 1000V/
µs, to complete code add S90 i.e. IRKT91/16AS90.
A mounting compound is recommended
and the torque should be rechecked after
a period of 3 hours to allow for the
spread of the compound
K/W
Nm
Mounting surface flat, smooth and greased
V
INS
RMS isolation voltage
V
P
GM
Max. peak gate power
12
12
P
G(AV)
Max. average gate power
3.0
3.0
I
GM
Max. peak gate current
3.0
3.0
A
-V
GM
Max. peak negative
gate voltage
V
GT
Max. gate voltage
4.0
TJ = - 40°C
required to trigger
2.5
TJ = 25°C
1.7
TJ = 125°C
I
GT
Max. gate current
270
TJ = - 40°C
required to trigger
150
mA
TJ = 25°C
80
TJ = 125°C
V
GD
Max. gate voltage
T
J
= 125oC,
that will not trigger
rated V
DRM applied
I
GD
Max. gate current
T
J
= 125oC,
that will not trigger
rated V
DRM
applied
Parameters
IRK.71
IRK.91
Units
Conditions
0.25
V
6mA
W
V
10
Anode supply = 6V
resistive load
Anode supply = 6V
resistive load
°C
Parameters
IRK.71
IRK.91
Units
Conditions
Sine half wave conduction
Rect. wave conduction
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.71
0.06
0.07
0.09
0.12
0.18
0.04
0.08
0.10
0.13
0.18
IRK.91
0.04
0.05
0.06
0.08
0.12
0.03
0.05
0.06
0.08
0.12
°C/W
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com