Electronic Components Datasheet Search
  English  ▼

X  

MM1548 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM1548
Description  Secondary Control for Energy-Saving AC Adaptor Monolithic IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1548 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM1548 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1548 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1548 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1548 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1548 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1548 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1548 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1548 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1548 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MITSUMI
Secondary Control for Energy-Saving AC Adaptor MM1548
MITSUMI
Block Diagram
GND
5
CS
6
PO1
4
VCC
3
CNT
2
OUT
1
COUT
ROS1
ROS2
RCS
Constant current detection resistor
(CS=34mV)
Reference voltage decrease (drop)
Constant current control
(CS=114.4mV)
Constant voltage control
(VCC=5.1V)
Load detection(voltage)
(VCC=3.5V)
Over voltage
detection
(7V)
5k
Load detection(current)
(115mV 200mV)
Input/output difference control
(VCC-OUT=200mV)
Voltage buffer
Photocoupler-turn-off
Primary-side switching
control
RLS
Load detection resistor
RLB
VCC
1.25V
Reference voltage
PC1
RL1
VCC=4.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com