Electronic Components Datasheet Search
  English  ▼

X  

SGA Datasheet(PDF) 1 Page - ITT Industries

Part # SGA
Description  ARINC 600 Rack and Panel Connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

SGA Datasheet(HTML) 1 Page - ITT Industries

  SGA Datasheet HTML 1Page - ITT Industries SGA Datasheet HTML 2Page - ITT Industries SGA Datasheet HTML 3Page - ITT Industries SGA Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ittcannon.com
21
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600 Rack and Panel Connectors
SGA
Available Rear Release/Rear Removable
Front Release/Front Removable
Low Insertion force contacts.
Both environmental and non-environmentl
versions.
Polarizing post that are removable from the
mating face.
Field replaceble inserts.
Up to 150 Size #22 contacts per connector.
Crimp, coax, twinax, printed circuit and wire
wrappable post style contacts.
Uses standard ARINC 600, crimp, insertion/
extraction tooling.
SGA connectors utilize all the Signal cavity inserts and contacts from the ARINC 600 connector series. It was designed to be used where there are space
constraints in which a standard ARINC 600 connector can not be used. ITT Cannon's SGA connector fills the need for a 150 maximum contact connector with a
smaller shell design than Shell Size 2 of ARINC 600, and has more contacts available than single gang DPX with 106 Size 22 contacts.
SGA*D
Shell
Insulator
Contacts
Grommets/Seals
O-Ring
CONNECTOR SERIES
SHELL STYLE
CLASS
CONTACT ARRANGEMENT
CONTACT TYPE
CONNECTOR MOUNTING MODIFIER
POLARIZING POSITION
CONTACT MODIFIER
CONTACT MODIFIER
POLARIZING POSITION
CONNECTOR MOUNTING MODIFIER
CONTACT TYPE (PIN OR SOCKET)
CONTACT ARRANGEMENT
CLASS
SHELL STYLE
CONNECTOR SERIES
SGA
3
F
150
S
00
01
FO
SGA*E
SGA*F
Specifications
Material
Finish
Material
Material
Finish
Termination
Material
Material
SGA (Single Gang ARINC 600)
3 - Plug (Rack Side)
4 - Receptacle (Box Side)
Non-environmental with Grommet only, insula-
tors are not potted into the connector shell.
Non-environmental (rear relase crimp con-
tacts).
Environmentally sealed (rear release crimp
contacts).
Non-environmental (front release, printed cir-
cuit or wire wrap posts).
EMI/RFI Protected & Environmentally sealed,
0-ring omitted (plug only). (Reference ITTC
Phoenix)
Mounting modifiers 05, 07, 08, 09, 10, 11, 12, 13,
hole location is .650 basic from connector vertical
centerline.
Refer to page 13 for replacement contact part num-
bers and required termination tooling information.
(Blank) - With standard Crimp type Rear release
contacts.
Contacts are not supplied with connector
(FO not stamped on connector.)
Front release .025 Dia. x .150 Solder Post
Size 22 Sockets
Front release .025 Dia. x .250 Solder Post
Size 22 Sockets
Front release .025 Dia. x .375 Solder Post
Size 22 Sockets
Front release .025 Dia. x .500 Solder Post
Size 22 Sockets
Front release .025 Sq. x .250 (1 Wrap)
Front release .025 Sq. x .375 (2 Wrap)
Front release .025 Sq. x .500 (3 Wrap)
Front release .025 Sq. x .641 (3 Wrap)
.208 Dia. for Floating Eyelet
.212/.204 Slot 4 places.
.120 Dia. Countersunk 82 x .230 Dia.,
Engaging face of mounting flange.
.120 Dia. Countersunk 82 x .230 Dia., Rear
face of mounting flange.
.120 Dia. Countersunk 100 x .230 Dia.,
Engaging face of mounting flange.
.120 Dia. Countersunk 100 x .230 Dia.,
Rear face of mounting flange.
.137 Dia. Countersunk 82 x .230 Dia.,
Engaging face of mounting flange.
.137 Dia. Countersunk 82 x .230 Dia., Rear
face of mounting flange.
36 Positions. (See Chart page 24)
When the last two digits are omitted, the
polarizing posts will not be assembled and
position number is not stamped on the connec-
tor. This allows the user to position the post
and stamp the appropriate number on the
shell. If the last two digits are "00", polariz-
ing posts are not supplied with the connector.
(See ARINC 600 (BKA) contact arrangements,
pages 9-10)
Mounting modifiers 00, 03, 06, 14, 15, hole location
is .705 basic from connector vertical centerline.
.151 Dia. Mounting holes.
.156 with #4-40 Self-Locking Clinch Nuts
(ESNA #22NCFMA2-40) 4 per connector.
.188 Dia. For #6-32 Clinch nuts (ESNA
#12NCFMA2-62) 4 per connector.
.137 Dia, Countersunk 82 x .230 Dia.,
Engaging face of mounting flange.
.137 Dia, Countersunk 82 x .230 Dia.,
Engaging face of mounting flange. Supplied
with slant shield grounding spring.
Pin Contacts
Socket Contacts
C -
D -
E -
F -
R -
P -
S -
00 -
03 -
06 -
14 -
15 -
05 -
07 -
08 -
09 -
10 -
11 -
12-
13-
F0 -
SA -
SB -
SC -
SD -
WA -
WB -
WC -
WD -
01 -
Aluminum alloy
Clear chromate over cadmium
Thermoplastic
Copper alloy
Gold
Crimp
N/A
N/A
Aluminum alloy
Clear chromate over cadmium
Thermoplastic
Copper alloy
Gold
Crimp
Silicone-based Elastomer
Silicone-based Elastomer
Aluminum alloy
Clear chromate over cadmium
Thermoset
Copper alloy
Gold
P.C/Wrap Post
N/A
N/A
QQ-A-591/A380
QQ-P-416
N/A
QQ-C-533
MIL-G-45204
N/A
N/A
N/A
Materials and Finishes
How to Order (Refer to ARINC 600 [BKA] pages 13-16 for contact information.)


Similar Part No. - SGA

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SGA BILIN-SGA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Stanford Microdevices
SGA-0163 STANFORD-SGA-0163 Datasheet
258Kb / 5P
DC-4500MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0163 SIRENZA-SGA-0163 Datasheet
249Kb / 5P
DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-0163Z SIRENZA-SGA-0163Z Datasheet
249Kb / 5P
DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-0363 ETC-SGA-0363 Datasheet
260Kb / 5P
DC 5000 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
More results

Similar Description - SGA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
22-Aug-00
logo
ITT Industries
TBKA ITT-TBKA Datasheet
141Kb / 2P
Filter; ARINC Series 600 Standard, Rack & Panel
BKA ITT-BKA Datasheet
866Kb / 19P
ARINC 600
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
Rack and Panel Filter Connectors
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
08-Feb-07
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
ARINC 600
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com