Electronic Components Datasheet Search
  English  ▼

X  

HVPS Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HVPS
Description  High Value Precision SIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HVPS Datasheet(HTML) 2 Page - Vishay Siliconix

  HVPS Datasheet HTML 1Page - Vishay Siliconix HVPS Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
3
HVPS
Vishay Thin Film
Document Number: 60091
Revision 27-Nov-02
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 • GERMANY +49.9287.710 FAX: +49 9287.70435 • ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999 • JAPAN +81.42.729.0661 FAX: +81.42.729.3400 • SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 • UK +44 191 514 8237 FAX: +44 1953 457 722 • USA: (610) 407-4800 FAX: (610) 640-9081
High Value Precision SIP
DIMENSIONS AND IMPRINTING in inches (millimeters)
Resistive Elements
TAMELOX(Passivated Nichrome)
Substrate Material
99.6% Alumina
Body
Epoxy
Terminals
Copper with Nickel barrier
Plating
SN 60
Marking Resistance to Solvents
Per MIL-PRF-83401
How to Order
Series
TCR
± (ppm/°C)
Resistance Value
Tolerance
± (%)
HVPS1
E = 25
4 digits. The first 3 digits are
F = 1.0%
(100 mil Pin Spacing)
D = 15
significant figures and the
D = 0.5%
Y = 10
last digit specifies the number
B = 0.1%
Z = 5
of zeros to follow
A = 0.05%
P = 0.02%
HVPS2
HVPS1 = 50K to 5M ohms
L = 0.01%
(200 mil Pin Spacing)
HVPS2 = 100K to 10M ohms
e.g. 100K = 1003
EXAMPLE: HVPS1E5004B Is a high value precision single-in-line discrete resistor with 100 mil spacing, 25ppm
°C TCR,
5m
Ω resistance value and a tolerance of ± 0.1%
0.240 Max
0.100 TYPICAL
PART NO:
DATECODE
0.125 MINIMUM
0.260 Max
0.110 Max
0.200 TYPICAL
0.320 Max
0.260 Max
0.125 MINIMUM
0.1 10 MAX
PART NO:
DATECODE
0.02
0.02
± 0.005
± 0.005
(6.096)
(6.604)
(3.175)
(2.54)
(.508
± .127)
(2.794)
(8.128)
(6.604)
(3.175)
(5.08)
(.508
± .127)
(2.794)
STANDARD ELECTRICAL SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com