Electronic Components Datasheet Search
  English  ▼

X  

83754 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83754
Description  Electronic, 4 C #14 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83754 Datasheet(HTML) 1 Page - Belden Inc.

  83754 Datasheet HTML 1Page - Belden Inc. 83754 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83754
Electronic, 4 C #14 Str TC, FEP Ins, OS+TC Brd, Red FEP Jkt, CMP FPLP
Product Description
High Temperature Electronic, 4 Conductor 14AWG (7x22) Tinned Copper, FEP Insulation, Overall Beldfoil®+Tinned Copper Braid(85%) Shield, Red FEP
Outer Jacket, CMP FPLP
Technical Specifications
Product Overview
Suitable Applications:
fire alarms; extreme high/low temperature environments; indoor/outdoor applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …)
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 4
14 AWG 7x22
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) FEP - Fluorinated Ethylene Propylene 0.016 in (0.41 mm) 0.105 in (2.67 mm)
Black, White, Red, Green
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
85%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.020 in (0.51 mm) 0.321 in (8.15 mm)
Overall Cable Diameter (Nominal): 0.321 in (8.15 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 2.78 Ohm/1000ft
30 pF/ft (98 pF/m)
52 pF/ft (170 pF/m)
14.4 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
200°C
-70°C to +200°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 83754

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
83751C MURATA-83751C Datasheet
167Kb / 2P
Toroidal Surface Mount Power Inductors
logo
Belden Inc.
83752 BELDEN-83752 Datasheet
206Kb / 2P
Electronic, 2 C #14 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
01-20-2023
83752-0021000 BELDEN-83752-0021000 Datasheet
206Kb / 2P
Electronic, 2 C #14 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
01-20-2023
83752-002500 BELDEN-83752-002500 Datasheet
206Kb / 2P
Electronic, 2 C #14 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
01-20-2023
83753 BELDEN-83753 Datasheet
177Kb / 2P
Electronic, 3 C #14 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
01-20-2023
More results

Similar Description - 83754

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
83802 BELDEN-83802 Datasheet
270Kb / 2P
Electronic, 2 C #12 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
83803 BELDEN-83803 Datasheet
270Kb / 2P
Electronic, 3 C #12 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
83604 BELDEN-83604 Datasheet
203Kb / 2P
Electronic, 4 C #20 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83752 BELDEN-83752 Datasheet
206Kb / 2P
Electronic, 2 C #14 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
01-20-2023
83554 BELDEN-83554 Datasheet
162Kb / 2P
Electronic, 4 C #22 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83756 BELDEN-83756 Datasheet
176Kb / 2P
Electronic, 6 C #14 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
05-05-2023
83654 BELDEN-83654 Datasheet
169Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
Date: 01-20-2023
83753 BELDEN-83753 Datasheet
177Kb / 2P
Electronic, 3 C #14 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
01-20-2023
83804 BELDEN-83804 Datasheet
213Kb / 2P
Electronic, 4 C #12 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
01-20-2023
83806 BELDEN-83806 Datasheet
178Kb / 2P
Electronic, 6 C #12 Str TC, FEP Ins, OSTC Brd, Red FEP Jkt, CMP FPLP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com