Electronic Components Datasheet Search
  English  ▼

X  

8778LS Datasheet(PDF) 1 Page - Belden Inc.

Part # 8778LS
Description  Audio, Control & Instrument, 6PR#22 Str TC, PO ins, IF, LSNH Jkt, 300V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8778LS Datasheet(HTML) 1 Page - Belden Inc.

  8778LS Datasheet HTML 1Page - Belden Inc. 8778LS Datasheet HTML 2Page - Belden Inc. 8778LS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 8778LS
Audio, Control & Instrument, 6PR#22 Str TC, PO ins, IF, LSNH Jkt, 300V
Product Description
Audio, Control & Instrument, 6 Pair AWG 22 Tinned Copper - Stranded, Polyolefin (PO, PE, PP) insulation, Individually Foiled + No Overall shielding, LSZH /
FRNC jacket , 300V
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation and computer cable; For data transmission applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
22
7x30
TC - Tinned Copper 6
Conductor Count:
12
Insulation
Material
Nominal Diameter Diameter +/- Tolerance
PP - Polypropylene 1.27 mm
0.05 mm
Color Chart
Number
Color
Pair 1
Black & Red
Pair 2
Black & White
Pair 3
Black & Green
Pair 4
Black & Blue
Pair 5
Black & Yellow
Pair 6
Black & Brown
Table Notes:
Shielded pairs
Color Chart 2
Number Color
Pair 1
Red
Pair 2
Green
Pair 3
Blue
Pair 4
Blue
Pair 5
Blue
Pair 6
Blue
Inner Shield
Type Layer
Material
Material Trade Name Thickness of Foil Drainwire Material
Drainwire AWG
Tape 1
Bi-Laminate (Alum+Poly) Beldfoil® (Z-Fold®)
9 / 12 µm
TC - Tinned Copper AWG22/7
Tape 2
Polyester
12 µm
Inner Jacket
Material
Color
Nominal Diameter Nominal Wall Thickness


Similar Part No. - 8778LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8778 ETC1-8778 Datasheet
33Kb / 3P
CM Rated Cable
8778 ETC2-8778 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
logo
Belden Inc.
8778 BELDEN-8778 Datasheet
248Kb / 2P
Audio, Control & Instrument, #22-6pr, PP, Indiv. Foil, PVC Jkt, CM
logo
Molex Electronics Ltd.
87780-1001 MOLEX10-87780-1001 Datasheet
303Kb / 6P
1.27mm (.050) Pitch Serial ATA Host Receptacle, Press-fit, Vertical, Extended Height, 0.76關m (30關) Gold (Au) Selective, 22 Circuits, Leadfree
logo
List of Unclassifed Man...
8778060100 ETC1-8778060100 Datasheet
33Kb / 3P
CM Rated Cable
More results

Similar Description - 8778LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8205ELW BELDEN-8205ELW Datasheet
156Kb / 2P
Electronic, 1PR #20 Str TC, PO ins, Unsh, LSNH Jkt, 300V, Cca
11-09-2022
8205NH BELDEN-8205NH Datasheet
157Kb / 2P
Electronic, 1PR #20 Str TC, PO ins, Unsh, LSNH Jkt, 300V, Dca
12-16-2022
8471LS BELDEN-8471LS Datasheet
225Kb / 3P
Electronic, 1PR #16 Str TC, PO ins, Unsh, LSNH Jkt, 300V, SWA
12-19-2022
8723LS BELDEN-8723LS Datasheet
220Kb / 3P
Electronic, 2PR #22 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
11-09-2022
8760LS BELDEN-8760LS Datasheet
149Kb / 3P
Electronic, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V, SWA
12-19-2022
8770NH BELDEN-8770NH Datasheet
167Kb / 2P
Electronic, 3C #18 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
8772ELV BELDEN-8772ELV Datasheet
150Kb / 3P
Electronic, 3C #20 Str TC, PO ins, OS, LSNH Jkt 300V, B2ca
03-06-2023
8772NH BELDEN-8772NH Datasheet
152Kb / 3P
Electronic, 3C #20 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
9729LS BELDEN-9729LS Datasheet
227Kb / 3P
RS-232/422, 2PR #24 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
11-09-2022
8771NH BELDEN-8771NH Datasheet
157Kb / 3P
Electronic, 3C #22 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com