Electronic Components Datasheet Search
  English  ▼

X  

9613 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9613
Description  RS232, #24-8c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9613 Datasheet(HTML) 1 Page - Belden Inc.

  9613 Datasheet HTML 1Page - Belden Inc. 9613 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9613
RS232, #24-8c, SR-PVC, O/A Foil+Braid, PVC Jkt, CMG
Product Description
Computer EIA RS-232 Cable, 24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, overall Beldfoil® (100% coverage) + tinned
copper braid shield (65% coverage), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 applications; Computer Communications; Low Voltage Analog signals (4-20ma, 0-10v, ...); Low Voltage Digital control (24v, …); Line Level Audio; Panel Wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 8
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Color Code
Conductor(s) SR-PVC - Polyvinyl Chloride (Semi-Rigid) 0.011 in (0.28 mm) Black, White, Red, Green, Brown, Blue, Orange, Yellow
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.035 in (0.89 mm) 0.240 in (6.10 mm)
Overall Cable Diameter (Nominal): 0.240 in (6.10 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 25 Ohm/1000ft (82 Ohm/km) 30 pF/ft (98 pF/m)
55 pF/ft (180 pF/m)
1.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C (UL AWM 2464) -30°C to +80°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 9613

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
9613 JOHANSON-9613 Datasheet
213Kb / 2P
RF amplifier
logo
Knowles Electronics
9613 KNOWLES-9613 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
9613-SL KNOWLES-9613-SL Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results

Similar Description - 9613

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9616 BELDEN-9616 Datasheet
205Kb / 2P
RS232, #24-15c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9619 BELDEN-9619 Datasheet
164Kb / 2P
RS232, #24-50c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9608 BELDEN-9608 Datasheet
156Kb / 2P
RS232, #24-3c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9609 BELDEN-9609 Datasheet
160Kb / 2P
RS232, #24-4c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9615 BELDEN-9615 Datasheet
163Kb / 2P
RS232, #24-10c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9611 BELDEN-9611 Datasheet
161Kb / 2P
RS232, #24-6c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9610 BELDEN-9610 Datasheet
144Kb / 2P
RS232, #24-5c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9538 BELDEN-9538 Datasheet
206Kb / 2P
RS232, #24-8c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9612 BELDEN-9612 Datasheet
161Kb / 2P
RS232, #24-7c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9618 BELDEN-9618 Datasheet
169Kb / 2P
RS232, #24-37c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com