Electronic Components Datasheet Search
  English  ▼

X  

ADT6502 Datasheet(PDF) 5 Page - Analog Devices

Part # ADT6502
Description  Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT6502 Datasheet(HTML) 5 Page - Analog Devices

  ADT6502 Datasheet HTML 1Page - Analog Devices ADT6502 Datasheet HTML 2Page - Analog Devices ADT6502 Datasheet HTML 3Page - Analog Devices ADT6502 Datasheet HTML 4Page - Analog Devices ADT6502 Datasheet HTML 5Page - Analog Devices ADT6502 Datasheet HTML 6Page - Analog Devices ADT6502 Datasheet HTML 7Page - Analog Devices ADT6502 Datasheet HTML 8Page - Analog Devices ADT6502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
ADT6501/ADT6502/ADT6503/ADT6504
Rev. PrA | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND 1
GND 2
HYST 3
TOVER/
TOVER
5
VCC
4
ADT6501/
ADT6502
TOP VIEW
(Not to Scale)
GND 1
GND 2
HYST 3
TUNDER/
TUNDER
5
VCC
4
ADT6503/
ADT6504
TOP VIEW
(Not to Scale)
Figure 3. ADT6501/ADT6502 Pin Configuration
Figure 4. ADT6503/ADT6504 Pin Configuration
Table 3. Pin Function Descriptions
ADT6501/ADT6502
Pin No.
ADT6503/ADT6504
Pin No.
Mnemonic
Description
1
1
GND
Ground.
2
2
GND
Ground.
3
3
HYST
Hysteresis Input. Connects HYST to GND for +2
°C hysteresis or connects to V
CC
for +10
°C hysteresis.
4
4
VCC
Supply Input (+2.7 V to +5.5 V).
5
–
TOVER/
Open-Drain, Active-Low Output. TOVER goes low when the temperature of the
part exceeds the factory programmed threshold; must use a pull-up resistor.
5
–
TOVER
Push-Pull, Active-High Output. TOVER goes high when the temperature of the
part exceeds the factory programmed threshold.
–
5
TUNDER/
Open-Drain, Active-Low Output. TUNDER goes low when the temperature of
the part exceeds the factory programmed threshold; must use a pull-up
resistor.
–
5
TUNDER
Push-Pull, Active-High Output. TUNDER goes high when the temperature of
the part exceeds the factory programmed threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com