Electronic Components Datasheet Search
  English  ▼

X  

9621 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9621
Description  Electronic, 9 C #16 Str TC, PVC Ins, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9621 Datasheet(HTML) 1 Page - Belden Inc.

  9621 Datasheet HTML 1Page - Belden Inc. 9621 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9621
Electronic, 9 C #16 Str TC, PVC Ins, PVC Jkt
Product Description
Electronic, 9 Conductor 16AWG (19x29) Tinned Copper, PVC Insulation, PVC Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
Analog Signals & Control (up to 600V); Line Level Audio; Voice Communications; Panel Wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 9
16 AWG 19x29
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s)
PVC - Polyvinyl
Chloride
0.031 in (0.79 mm) 0.121 in (3.07 mm)
Black, White, Red, Green, Orange, Blue, White/Black Stripe, Red/Black Stripe, Green/Black Stripe
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.045 in (1.1 mm) 0.533 in (13.5 mm)
Overall Cable Diameter (Nominal):
0.533 in (13.5 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 4.4 Ohm/1000ft
19.5 pF/ft (64.0 pF/m)
5 Amps per Conductor at 25ºC
Voltage
Voltage Rating
600 V
Mechanical Characteristics
Temperature
Operating
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.
5.3 in (130 mm)
5.3 in (130 mm)
Max. Pull Tension:
273 lbs (124 kg)
Bulk Cable Weight:
170 lbs/1000ft
Standards and Compliance


Similar Part No. - 9621

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
9621 JOHANSON-9621 Datasheet
213Kb / 2P
RF amplifier
logo
Knowles Electronics
9621 KNOWLES-9621 Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
logo
Heyco.
9621 HEYCO-9621 Datasheet
118Kb / 1P
LDPE Sheet Metal Plugs
logo
ebm-papst
9621-2-4013 EBMPAPST-9621-2-4013 Datasheet
138Kb / 1P
INLET RINGS - MOTORIZED IMPELLERS
logo
Knowles Electronics
9621-SL KNOWLES-9621-SL Datasheet
3Mb / 60P
Introduction to Knowles Precision Devices
More results

Similar Description - 9621

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9721 BELDEN-9721 Datasheet
272Kb / 2P
Electronic, 8 C #16 Str TC, PVC Ins, PVC Jkt
8624 BELDEN-8624 Datasheet
170Kb / 2P
Electronic, 19 C #16 Str TC, PVC Ins, PVC Jkt
05-05-2023
8621 BELDEN-8621 Datasheet
202Kb / 2P
Electronic, 7 C #16 Str TC, PVC Ins, PVC Jkt
04-19-2023
8623 BELDEN-8623 Datasheet
167Kb / 2P
Electronic, 15 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
8622 BELDEN-8622 Datasheet
178Kb / 2P
Electronic, 12 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
9455 BELDEN-9455 Datasheet
145Kb / 2P
Electronic, 9 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9620 BELDEN-9620 Datasheet
177Kb / 2P
Electronic, 5 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
9622 BELDEN-9622 Datasheet
193Kb / 2P
Electronic, 25 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
8620 BELDEN-8620 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
9423 BELDEN-9423 Datasheet
212Kb / 2P
Electronic, 9 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com