Electronic Components Datasheet Search
  English  ▼

X  

BLU97 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLU97
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU97 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLU97 Datasheet HTML 1Page - NXP Semiconductors BLU97 Datasheet HTML 2Page - NXP Semiconductors BLU97 Datasheet HTML 3Page - NXP Semiconductors BLU97 Datasheet HTML 4Page - NXP Semiconductors BLU97 Datasheet HTML 5Page - NXP Semiconductors BLU97 Datasheet HTML 6Page - NXP Semiconductors BLU97 Datasheet HTML 7Page - NXP Semiconductors BLU97 Datasheet HTML 8Page - NXP Semiconductors BLU97 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
August 1986
2
Philips Semiconductors
Product specification
UHF power transistor
BLU97
DESCRIPTION
N-P-N silicon planar epitaxial
transistor designed for use in mobile
radio transmitters in the 470 MHz
band.
FEATURES
• multi-base structure and
emitter-ballasting resistors for an
optimum temperature profile.
• gold metallization ensures
excellent reliability.
The transistor has a 4-lead stud
envelope with a ceramic cap
(SOT122A). All leads are isolated
from the stud.
QUICK REFERENCE DATA
R.F. performance up to Th = 25 °C in a common-emitter class-B circuit
MODE OF OPERATION
VCE
V
f
MHz
PL
W
Gp
dB
ηC
%
narrow band; c.w.
12,5
470
7
> 8,5
> 55
PIN CONFIGURATION
Fig.1 Simplified outline. SOT122A.
handbook, halfpage
Top view
MBK187
3
1
2
4
PINNING - SOT122A.
PIN
DESCRIPTION
1
collector
2
emitter
3
base
4
emitter
PRODUCT SAFETY This device incorporates beryllium oxide, the dust of which is toxic. The device is entirely
safe provided that the BeO disc is not damaged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com