Electronic Components Datasheet Search
  English  ▼

X  

PC-9-AF1 Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # PC-9-AF1
Description  PC-9-AF1×1-TO39-NW-90 – ENGINEERING SAMPLE HgCdTe ambient temperature photoconductive detector with anti-fringing technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

PC-9-AF1 Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  PC-9-AF1 Datasheet HTML 1Page - VIGO Photonics S.A. PC-9-AF1 Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC-9-AF1×1-TO39-NW-90 detector
P a g e | 1
30/09/2021
Engineering samples are manufactured for purposes of research and development. Values of parameters mentioned in the datasheet are for guidance
only and may not be used as guaranteed values.
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
PC-9-AF1×1-TO39-NW-90 – ENGINEERING SAMPLE
HgCdTe ambient temperature photoconductive detector with anti-fringing
technology
PC-9-AF1×1-TO39-NW-90 is uncooled IR photoconductive detector based on sophisticated HgCdTe heterostructure for the best
performance and stability.
In order to make this detector immune to unwanted optical fringing effects, VIGO developed anti-fringing technology (internal
modification of substrate's surface) and successfully applied it. This results in the fringing 10 – 40 times smaller compared to the standard
IR detector. In order to minimize fringing it is recommended to work with detectors optimized for longer wavelengths and operate below
λpeak.
Spectral response (Typ., Ta = 20°C)
Exemplary spectral detectivity, the spectral response of delivered devices may differ.
Specification (Typ., Ta = 20°C)
Parameter
Detector type
PC-9-AF1×1-TO39-NW-90
Active element material
epitaxial HgCdTe heterostructure
Cut-on wavelength λcut-on (10%), µm
2.2±0.1
Peak wavelength λpeak, µm
8.2±0.1
Cut-off wavelength λcut-off (10%), µm
10.6±0.2
Detectivity D*(λpeak, 20 kHz), cm·Hz1/2/W
~1.4×107
Current responsivity Ri(λpeak, 20 kHz), A/W
~0.0007
Time constant τ, ns
~2
Resistance R, Ω
~40
Bias voltage Vb, V
~0.4
1/f noise corner frequency fc, Hz
~20k
Active area A, mm×mm
AF1×1
Package
TO39
Acceptance angle Φ
~90°
Window
none
Features
Anti-fringing technology applied
Significant fringing reduction for 2.2 –
8.2 µm spectral range
Large active area
Excellent linearity
Applications
CO2 laser measurements
Laser power monitoring and control
Laser beam profiling and positioning
Laser calibration
Related document
Anti-fringing technology
Detectivity change vs. ambient temperature (Typ.)
Linearity (Typ., TBB = 1273 K)
TBB – black body temperature
1E+06
1E+07
1E+08
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
Wavelength, µm
1E+06
1E+07
1E+08
2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0
Wavelength, µm
0°C
20°C
40°C
1
10
100
0.0001
0.001
0.01
0.1
Incident optical power, W


Similar Part No. - PC-9-AF1

ManufacturerPart #DatasheetDescription
logo
Amphenol LTW
PC-000505-0MF-CSB01 LTW-PC-000505-0MF-CSB01 Datasheet
27Mb / 48P
NMEA 2000 Marine Network Solutions
logo
BLOCK Transformatoren-E...
PC-0148-050-0 BLOCK-PC-0148-050-0 Datasheet
392Kb / 2P
Single phase, primary switched mode power supply
logo
Multicomp Pro
PC-01C MULTICOMP-PC-01C Datasheet
178Kb / 1P
Modular PCB Rack
09/06/22 V1.0
PC-01C MULTICOMP-PC-01C Datasheet
178Kb / 1P
Modular PCB Rack
09/06/22 V1.0
logo
BLOCK Transformatoren-E...
PC-0224-050-0 BLOCK-PC-0224-050-0 Datasheet
375Kb / 2P
Single- and two phases, primary switched mode power supply
More results

Similar Description - PC-9-AF1

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PCAS-2TE-9-0.1 VIGO-PCAS-2TE-9-0.1 Datasheet
724Kb / 2P
PCAS-2TE-9-0.1×0.1-TO8-wZnSeAR-70 – ENGINEERING SAMPLE Type II superlattice, two-stage thermoelectrically cooled, photoconductive detector
14/04/2021
PCAS-2TE-9-1 VIGO-PCAS-2TE-9-1 Datasheet
717Kb / 2P
PCAS-2TE-9-1×1AR-TO8-wZnSeAR-70 – ENGINEERING SAMPLE Type II superlattice, two-stage thermoelectrically cooled, photoconductive detector
14/04/2021
PCI VIGO-PCI Datasheet
695Kb / 2P
1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
PCQ VIGO-PCQ Datasheet
660Kb / 2P
1.0 – 12.0 μm HgCdTe ambient temperature photoconductive quadrant detector
19/02/2021
PV-5-AF VIGO-PV-5-AF Datasheet
1,017Kb / 2P
PV-5-AF series – ENGINEERING SAMPLE HgCdTe ambient temperature photovoltaic detectors with anti-fringing technology
30/09/2021
PVAS-5-0.1 VIGO-PVAS-5-0.1 Datasheet
696Kb / 2P
PVAS-5-0.1×0.1-TO39-NW-90 – ENGINEERING SAMPLE Type II superlattice, ambient temperature, photovoltaic detector
22/07/2021
PVI-4-1 VIGO-PVI-4-1 Datasheet
671Kb / 2P
PVI-4-1×1-TO39-NW-36 2.4 – 4.5 μm HgCdTe ambient temperature, optically immersed photovoltaic detector
11/04/2022
PVI-5-1 VIGO-PVI-5-1 Datasheet
671Kb / 2P
PVI-5-1×1-TO39-NW-36 2.4 – 5.5 μm HgCdTe ambient temperature, optically immersed photovoltaic detector
25/09/2020
PVM-10.6-1 VIGO-PVM-10.6-1 Datasheet
669Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction detector
08/11/2020
PVMQ VIGO-PVMQ Datasheet
661Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction quadrant detector
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com