Electronic Components Datasheet Search
  English  ▼

X  

PCQ Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # PCQ
Description  1.0 – 12.0 μm HgCdTe ambient temperature photoconductive quadrant detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

PCQ Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  PCQ Datasheet HTML 1Page - VIGO Photonics S.A. PCQ Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCQ HgCdTe quadrant detector datasheet
P a g e | 1
19/02/2021
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
PCQ
1.0 – 12.0 µm HgCdTe ambient temperature photoconductive quadrant detector
PCQ is uncooled IR photoconductive quadrant detector based on sophisticated HgCdTe heterostructures for the best performance and
stability. Quadrant detector consists of four separate active elements arranged in a quadrant geometry. The device is optimized for the
maximum performance at 10.6 µm. The detector should operate in optimum bias voltage and current readout mode. Performance at
low frequencies is reduced due to 1/f noise. The main application of PCQ detectors is laser beam profiling and positioning.
Spectral response (Ta = 20°C)
Exemplary spectral detectivity, the spectral response of delivered devices may differ.
Specification (Ta = 20°C)
Parameter
Detector type
PCQ-10.6
Active elements material
epitaxial HgCdTe heterostructure
Optimum wavelength λopt, µm
10.6
Detectivity D*(λpeak, 20kHz), cm·Hz1/2/W
≥1.9×107
Detectivity D*(λopt, 20kHz), cm·Hz1/2/W
≥9.0×106
Current responsivity Ri(λopt), A/W
≥0.001
Time constant τ, ns
≤5
1/f noise corner frequency fc, Hz
≤20k
Bias voltage-active area length ratio Vb/L, V/mm
≤6.0
Resistance R, Ω
≤240
Active area of single element A, mm×mm
1×1
Distance between elements, µm
50
Package
TO8
Acceptance angle Φ
~70°
Window
none
1E+06
1E+07
1E+08
1
2
3
4
5
6
7
8
9
10
11
12
Wavelength, µm
PCQ-10.6


Similar Part No. - PCQ

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
PCQ071004 FIBOX-PCQ071004 Datasheet
551Kb / 2P
Enclosure, PC
12.01.2023
PCQ122410 FIBOX-PCQ122410 Datasheet
546Kb / 2P
Enclosure, PC
12.01.2023
PCQ153410 FIBOX-PCQ153410 Datasheet
68Kb / 2P
Enclosure, PC
12.01.2023
PCQ153412 FIBOX-PCQ153412 Datasheet
47Kb / 2P
Enclosure, PC
12.01.2023
PCQ162409 FIBOX-PCQ162409 Datasheet
447Kb / 2P
Enclosure, PC
12.01.2023
More results

Similar Description - PCQ

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PCI3TE12TO8-36-DTE VIGO-PCI3TE12TO8-36-DTE Datasheet
719Kb / 2P
2 – 14 μm HgCdTe three-stage thermoelectrically cooled, optically immersed photoconductive detector
25/09/2020
PCI-2TE VIGO-PCI-2TE Datasheet
797Kb / 2P
1.0 – 15.0 μm HgCdTe two-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-3TE VIGO-PCI-3TE Datasheet
774Kb / 2P
1.0 – 15.0 μm HgCdTe three-stage thermoelectrically cooled, optically immersed photoconductive detectors
08/11/2020
PCI-4TE VIGO-PCI-4TE Datasheet
774Kb / 2P
1.0 – 16.0 μm HgCdTe four-stage thermoelectrically cooled, optically immersed photoconductive detectors
25/05/2022
PCI VIGO-PCI Datasheet
695Kb / 2P
1.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoconductive detectors
08/11/2020
PEM VIGO-PEM Datasheet
737Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photoelectromagnetic detectors
09/11/2020
PEMI VIGO-PEMI Datasheet
744Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature, optically immersed photoelectromagnetic detectors
09/11/2020
PV-SERIES VIGO-PV-SERIES Datasheet
696Kb / 2P
2.5 – 6.5 μm HgCdTe ambient temperature photovoltaic detectors
17/11/2020
PVM-10.6-1 VIGO-PVM-10.6-1 Datasheet
669Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction detector
08/11/2020
PVMQ VIGO-PVMQ Datasheet
661Kb / 2P
2.0 – 12.0 μm HgCdTe ambient temperature photovoltaic multiple junction quadrant detector
09/11/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com