Electronic Components Datasheet Search
  English  ▼

X  

AD9709 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9709
Description  300 MHz to 1000 MHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9709 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9709 Datasheet HTML 3Page - Analog Devices AD9709 Datasheet HTML 4Page - Analog Devices AD9709 Datasheet HTML 5Page - Analog Devices AD9709 Datasheet HTML 6Page - Analog Devices AD9709 Datasheet HTML 7Page - Analog Devices AD9709 Datasheet HTML 8Page - Analog Devices AD9709 Datasheet HTML 9Page - Analog Devices AD9709 Datasheet HTML 10Page - Analog Devices AD9709 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADL5370
Rev. 0 | Page 7 of 20
250
450
650
850
1050
1250
1450
0
–5
–10
–15
–20
–25
LO FREQUENCY (MHz)
Figure 9. Return Loss (S11) of LOIP
250
450
650
850
1050
1250
1450
0
–10
–20
–90
–30
–40
–50
–60
–70
–80
LO FREQUENCY (MHz)
Figure 10. Carrier Feedthrough vs. fLO and Temperature
Multiple Devices Shown
250
450
650
850
1050
1250
1450
0
–10
–20
–90
–30
–40
–50
–60
–70
–80
LO FREQUENCY (MHz)
Figure 11. Carrier Feedthrough vs. fLO and Temperature after Nulling at 25°C
Multiple Devices Shown
250
450
650
850
1050
1250
1450
0
–10
–20
–90
–30
–40
–50
–60
–70
–80
LO FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 12. Sideband Suppression vs. fLO and Temperature
Multiple Devices Shown
250
450
650
850
1050
1250
1450
0
–10
–20
–90
–30
–40
–50
–60
–70
–80
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. Sideband Suppression vs. fLO and Temperature after Nulling at 25°C
Multiple Devices Shown
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
3.4
–20
–80
–30
–40
–50
–60
–70
15
–15
10
5
0
–5
–10
BASEBAND INPUT VOLTAGE (V p-p)
SECOND ORDER (dBc)
CARRIER
FEEDTHROUGH
(dBm)
SSB OUTPUT POWER
SIDEBAND
SUPPRESSION (dBc)
THIRD ORDER (dBc)
Figure 14. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. Baseband Differential Input Level
(fLO = 450 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com