Electronic Components Datasheet Search
  English  ▼

X  

AD9761 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9761
Description  300 MHz to 1000 MHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9761 Datasheet(HTML) 2 Page - Analog Devices

  AD9761 Datasheet HTML 1Page - Analog Devices AD9761 Datasheet HTML 2Page - Analog Devices AD9761 Datasheet HTML 3Page - Analog Devices AD9761 Datasheet HTML 4Page - Analog Devices AD9761 Datasheet HTML 5Page - Analog Devices AD9761 Datasheet HTML 6Page - Analog Devices AD9761 Datasheet HTML 7Page - Analog Devices AD9761 Datasheet HTML 8Page - Analog Devices AD9761 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADL5370
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Theory of Operation ...................................................................... 10
Circuit Description..................................................................... 10
Basic Connections .......................................................................... 11
Optimization ............................................................................... 12
Applications Information .............................................................. 13
DAC Modulator Interfacing ..................................................... 13
Limiting the AC Swing .............................................................. 13
Filtering........................................................................................ 13
Using the AD9779 Auxiliary DAC for Carrier Feedthrough
Nulling ......................................................................................... 14
GSM Operation .......................................................................... 14
LO Generation Using PLLs ....................................................... 15
Evaluation Board ............................................................................ 16
Characterization Setup .................................................................. 17
Outline Dimensions ....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
10/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com