Electronic Components Datasheet Search
  English  ▼

X  

87322BYILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 87322BYILF
Description  Low Skew, ÷1/÷2, 3.3V LVPECL/ECL Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87322BYILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 87322BYILF Datasheet HTML 9Page - Renesas Technology Corp 87322BYILF Datasheet HTML 10Page - Renesas Technology Corp 87322BYILF Datasheet HTML 11Page - Renesas Technology Corp 87322BYILF Datasheet HTML 12Page - Renesas Technology Corp 87322BYILF Datasheet HTML 13Page - Renesas Technology Corp 87322BYILF Datasheet HTML 14Page - Renesas Technology Corp 87322BYILF Datasheet HTML 15Page - Renesas Technology Corp 87322BYILF Datasheet HTML 16Page - Renesas Technology Corp 87322BYILF Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
LOW SKEW, ÷1/÷2,
3.3V LVPECL/ECL CLOCK GENERATOR
87322BI DATA SHEET
14
REVISION C 11/16/15
TABLE 9. ORDERING INFORMATION
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
87322BYILF
ICS87322BYILF
52 Lead “Lead-Free” LQFP
tray
-40°C to 85°C
87322BYILFT
ICS87322BYILF
52 Lead “Lead-Free” LQFP
tape & reel
-40°C to 85°C
NOTE: Parts that are ordered with an “LF” to the part number are the Pb-Free configuration and are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com