Electronic Components Datasheet Search
  English  ▼

X  

HD404669 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD404669
Description  Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404669 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD404669 Datasheet HTML 35Page - Renesas Technology Corp HD404669 Datasheet HTML 36Page - Renesas Technology Corp HD404669 Datasheet HTML 37Page - Renesas Technology Corp HD404669 Datasheet HTML 38Page - Renesas Technology Corp HD404669 Datasheet HTML 39Page - Renesas Technology Corp HD404669 Datasheet HTML 40Page - Renesas Technology Corp HD404669 Datasheet HTML 41Page - Renesas Technology Corp HD404669 Datasheet HTML 42Page - Renesas Technology Corp HD404669 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 146 page
background image
HD404669 Series
35
Stop Mode: In stop mode, all MCU operations stop and RAM data is retained. Therefore, the power
dissipation in this mode is the least of all modes. The OSC1 and OSC2 oscillator stops. For the X1 and X2
oscillator to operate or stop can be selected by setting bit 3 of the system clock select register 1 (SSR1:
$029; operating: SSR13 = 0, stop: SSR3 = 1) (figure 24). The MCU enters stop mode if the STOP
instruction is executed in active mode when bit 3 of timer mode register A (TMA: $008) is set to 0 (TMA3
= 0) (figure 40).
Stop mode is cleared by a RESET or
STOPC* input. The RESET or STOPC input must be held for at least
the oscillation stabilization time (t
RC) as shown in figure 16. (refer to the "AC Characteristics" section.) In
either of these cases, the MCU will start program execution from the program start address (location 0).
However, the value of the RAM enable flag (RAME: $021,3) will be different in these cases. In particular,
RAME will be set to 0 for a RESET input and will be set to 1 for a
STOPC input.
Also note that while a RESET input is effective in all MCU modes,
STOPC is only effective in stop mode,
and is ignored in all other modes.
If a program needs to determine if stop mode was cleared by a
STOPC input (for example, if the program
intends to use the contents of RAM that were stored before stop mode was entered after returning to active
mode) the program should test the RAM enable flag with a TEST instruction at the start of the program.
Note: *
If stop mode is to be cleared by a
STOPC input, applications should set bit 2 of port mode
register C (PMRC) to 1 (PMRC2 = 1) before switching to stop mode.














,







Stop mode
Oscillator
Internal
clock
STOP instruction execution
(at least equal to oscillation stabilization time tRC)
tres






RESET
STOPC
Figure 16 Timing of Stop Mode Cancellation
Watch Mode: In watch mode, the clock function (timer A) using the X1 and X2 oscillator, but other
function operations stop. Therefore, the power dissipation in this mode is the second least to stop mode,
and this mode is convenient when only clock display is used. In this mode, the OSC1 and OSC2 oscillator
stops, but the X1 and X2 oscillator operates. The MCU is switched to watch mode by executing a STOP
instruction while TMA3 = 1 in active mode, or by executing a STOP/SBY instruction while LSON is set to
1 or DTON is cleared to 0 in subactive mode.
Watch mode is terminated by a RESET input or a timer-A/
INT0 interrupt request. For details of RESET
input, refer to the Stop Mode section. When terminated by a timer-A/
INT0 interrupt request, the MCU
enters active mode if LSON = 0, or subactive mode if LSON = 1. After an interrupt request is generated,
the time required to enter active mode is tRC for a timer A interrupt, and TX (where T + tRC < TX < 2T +
tRC) for an INT0 interrupt, as shown in figures 17 and 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com