Electronic Components Datasheet Search
  English  ▼

X  

BLU99_SL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLU99_SL
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99_SL Datasheet(HTML) 4 Page - NXP Semiconductors

  BLU99_SL Datasheet HTML 1Page - NXP Semiconductors BLU99_SL Datasheet HTML 2Page - NXP Semiconductors BLU99_SL Datasheet HTML 3Page - NXP Semiconductors BLU99_SL Datasheet HTML 4Page - NXP Semiconductors BLU99_SL Datasheet HTML 5Page - NXP Semiconductors BLU99_SL Datasheet HTML 6Page - NXP Semiconductors BLU99_SL Datasheet HTML 7Page - NXP Semiconductors BLU99_SL Datasheet HTML 8Page - NXP Semiconductors BLU99_SL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
March 1993
4
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Notes
1. Measured under pulse conditions: tp =50 µs; δ< 0,01.
2. Measured under pulse conditions: tp = 300 µs; δ< 0,01.
Collector-base breakdown voltage
open emitter; IC = 10 mA
V(BR)CBO
>
36 V
Collector-emitter breakdown voltage
open base; IC = 20 mA
V(BR)CEO
>
16 V
Emitter-base breakdown voltage
open collector; IE = 1 mA
V(BR)EBO
>
3V
Collector cut-off current
VBE = 0; VCE = 16 V
ICES
<
5mA
Second breakdown energy; L = 25 mH; f = 50 Hz
RBE =10 Ω
ESBR
>
1mJ
D.C. current gain(2)
>
typ.
25
100
IC = 0,6 A; VCE = 10 V
hFE
Transition frequency at f = 500 MHz(1)
IC = 0,6 A; VCE = 12,5 V
fT
typ.
4,0 GHz
Collector capacitance at f = 1 MHz
IE =Ie = 0; VCB = 12,5 V
Cc
typ.
7,5 pF
Feedback capacitance at f = 1 MHz
IC = 0; VCE = 12,5 V
Cre
typ.
5 pF
Collector-stud capacitance
Ccs
typ.
1,2 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com