Electronic Components Datasheet Search
  English  ▼

X  

HS-246RH Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HS-246RH
Description  Radiation Hardened Triple Line Transmitter and Receivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS-246RH Datasheet(HTML) 2 Page - Renesas Technology Corp

  HS-246RH Datasheet HTML 1Page - Renesas Technology Corp HS-246RH Datasheet HTML 2Page - Renesas Technology Corp HS-246RH Datasheet HTML 3Page - Renesas Technology Corp HS-246RH Datasheet HTML 4Page - Renesas Technology Corp HS-246RH Datasheet HTML 5Page - Renesas Technology Corp HS-246RH Datasheet HTML 6Page - Renesas Technology Corp HS-246RH Datasheet HTML 7Page - Renesas Technology Corp HS-246RH Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HS-245RH, HS-246RH, HS-248RH
FN3034 Rev.4.00
Page 2 of 8
April 2003
Pinouts
HS9-245RH 14 PIN FLATPACK
HS1-245RH 14 CERAMIC DIP
MIL-STD-1835 CDIP2-T14
TOP VIEW
HS9-246RH/248RH 14 PIN FLATPACK
HS1-246RH/248RH 14 PIN CERAMIC DIP
MIL-STD-1835 CDFP3-F14
TOP VIEW
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
T1
T3
T2
1 INPUT
2 INPUT
OUTPUT
2
INPUT
2
INPUT
1
OUTPUT
1
OUTPUT
2
INPUT
2
1 OUTPUT
1 INPUT
1 OUTPUT
2 OUTPUT
SUBSTRATE
GND
GND
VCC (R1 AND R2)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
(+) INPUT
(-) INPUT
(-) INPUT
INPUT (-)
INPUT (+)
OUTPUT (R3)
VEE (R3)
VEE (R1 AND R2)
VCC (R3)
(R1) OUTPUT
(+) INPUT
(R2) OUTPUT
R1
R2
R3
Test Circuits and Applications
FIGURE 1. CIRCUIT #1 TRANSMITTER PROPAGATION DELAY
FIGURE 2. CIRCUIT #2 RECEIVER PROPAGATION DELAY
0V
1 IN
TPHL
TPLH
2 IN
0V
OPEN
1 OUT
0V
0V
2 OUT
0.15V
(
3mA)
(
3.2V)
OPEN
(
3.2V)
0.15V
(
3mA)
NOTES:
Input: TTLH
 10ns
TTHL
 10ns
pw = 500ns
f = 1MHz
IOUT =
VOUT
50
VCC = +5V
D.U.T.
50
1%
50
1%
TRANSMITTER
OUT
VOUT
1
1
2
VOUT
2
All timing measurements referenced to 50% V points
(+)IN
TPHL
TPLH
(-) IN
RECEIVER
OUT
0V
0V
150mV
150mV
0V
5V
50
30pF
(+)
(-)
VCC = +5V
RECEIVER
OUTPUT
D.U.T.
VEE = - 5V
800
520
50
NOTES:
Input: TTLH
 10ns
TTHL
 10ns
pw = 500ns
f = 1MHz
All timing measurements referenced to 50% V points
NOTE: External 50
 resistors needed for HS-248RH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com