Electronic Components Datasheet Search
  English  ▼

X  

HS310X Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HS310X
Description  High Performance Relative Humidity and Temperature Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS310X Datasheet(HTML) 1 Page - Renesas Technology Corp

  HS310X Datasheet HTML 1Page - Renesas Technology Corp HS310X Datasheet HTML 2Page - Renesas Technology Corp HS310X Datasheet HTML 3Page - Renesas Technology Corp HS310X Datasheet HTML 4Page - Renesas Technology Corp HS310X Datasheet HTML 5Page - Renesas Technology Corp HS310X Datasheet HTML 6Page - Renesas Technology Corp HS310X Datasheet HTML 7Page - Renesas Technology Corp HS310X Datasheet HTML 8Page - Renesas Technology Corp HS310X Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Datasheet
HS310x
High Performance Relative Humidity and Temperature Sensor
R36DS0011EU0120
Rev.1.2
Aug 10, 2021
Page 1
© 2021 Renesas Electronics
The HS310x series is a highly accurate, fully
calibrated relative humidity and temperature sensor.
The MEMS sensor features a proprietary sensor-
level protection, ensuring high reliability and long-
term stability.
Integrated calibration and temperature-
compensation logic provides fully corrected RH and
temperature values via a standard I2C output. No
user calibration of the output data is required.
The high accuracy, fast measurement response
time, and long-term stability combined with the
small package size makes the HS310x series ideal
for a wide number of applications ranging from
portable devices to products designed for harsh
environments.
The HS310x series digital sensor accurately
measures relative humidity and temperature levels.
The measured data is internally corrected and
compensated for accurate operation over a wide
range of temperature and humidity levels – user
calibration is not required.
The HS310x features a hydrophobic membrane
protecting it from environmental dusts, particles,
and liquids.
Physical Characteristics
•
Supply voltage: 2.3V to 5.5V
•
Extended supply voltage: 1.8V (-20°C to +125°C)
•
Operating temperature: -40°C to +125°C
•
3.0 × 2.41 × 0.9 mm DFN-style 6-LGA package
Features
•
Humidity range: 0% to 100%RH
•
Humidity accuracy: ±1.5%RH, typical (HS3101,
10 to 90%RH, 25°C)
•
Hydrophobic membrane, IP67 rating
•
14-bit resolution: 0.01%RH, typical
•
Independent programmable resolution settings: 8,
10, 12, 14 bits
•
Fast RH response time: 1 second time constant,
typical (with 1 m/sec air flow), 4 seconds time
constant, typical (in still air)
•
Temperature sensor accuracy: ±0.2°C, typical
(HS3101, HS3102, -10 to +80°C)
•
Low current consumption: 1.0µA average (8-bit
resolution, 1.8V supply), 24.4µA average (14-bit
resolution, 3.3V supply), one RH and temperature
measurement per second
•
Excellent stability against aging
•
Highly robust protection from harsh environmental
conditions and mechanical shock
•
Very low power consumption
Applications
•
Climate control systems
•
Home appliances
•
Weather stations
•
Industrial automation
•
Medical equipment
Product Image


Similar Part No. - HS310X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS310X-MCX RENESAS-HS310X-MCX Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
HS310X-ML1 RENESAS-HS310X-ML1 Datasheet
693Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
More results

Similar Description - HS310X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS300X RENESAS-HS300X Datasheet
733Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3001 RENESAS-HS3001 Datasheet
785Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101 RENESAS-HS3101 Datasheet
819Kb / 21P
High Performance Relative Humidity and Temperature Sensor
HS3101ML1 RENESAS-HS3101ML1 Datasheet
693Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3001-MC1 RENESAS-HS3001-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS3001-ML1 RENESAS-HS3001-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Nov 8, 2021
HS3101 RENESAS-HS3101_V01 Datasheet
789Kb / 21P
High Performance Relative Humidity and Temperature Sensor
Aug 10, 2021
HS300X-MC1 RENESAS-HS300X-MC1 Datasheet
700Kb / 19P
High Performance Relative Humidity and Temperature Sensor Module
Jul 12, 2022
HS300X-ML1 RENESAS-HS300X-ML1 Datasheet
692Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
2021
HS310X-MCX RENESAS-HS310X-MCX Datasheet
882Kb / 18P
High Performance Relative Humidity and Temperature Sensor Module
Mar 28, 2023 Rev.1.06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com