Electronic Components Datasheet Search
  English  ▼

X  

ADL5374 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5374
Description  300 MHz to 1000 MHz Quadrature Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5374 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5374 Datasheet HTML 5Page - Analog Devices ADL5374 Datasheet HTML 6Page - Analog Devices ADL5374 Datasheet HTML 7Page - Analog Devices ADL5374 Datasheet HTML 8Page - Analog Devices ADL5374 Datasheet HTML 9Page - Analog Devices ADL5374 Datasheet HTML 10Page - Analog Devices ADL5374 Datasheet HTML 11Page - Analog Devices ADL5374 Datasheet HTML 12Page - Analog Devices ADL5374 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADL5370
Rev. 0 | Page 9 of 20
–20
–70
–60
–50
–40
–30
–80
–90
15
–10
–5
0
5
10
–15
–20
–7
–5
–3
–1
1357
LO AMPLITUDE (dBm)
SECOND ORDER (dBc)
SSB OUTPUT POWER
CARRIER FEEDTHROUGH (dBm)
SIDEBAND SUPPRESSION (dBc)
THIRD ORDER (dBc)
Figure 21. Second- and Third-Order Distortion, Carrier Feedthrough,
Sideband Suppression, and SSB POUT vs. LO Amplitude (fLO = 900 MHz)
0.23
0.22
0.21
0.20
0.19
0.17
0.18
0.16
0.15
TEMPERATURE (°C)
–40
25
85
VS = 5.25V
VS = 5V
VS = 4.75V
Figure 22. Power Supply Current vs. Temperature
16
4
6
8
10
12
14
2
0
NOISE (dBm/Hz) AT 20MHz OFFSET
FLO = 450MHz
Figure 23. 20 MHz Offset Noise Floor Distribution at fLO = 450 MHz
(I/Q Amplitude = 0 mV p-p with 500 mV dc bias)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com