Electronic Components Datasheet Search
  English  ▼

X  

15038PB Datasheet(PDF) 2 Page - NMB Technologies Corporation

Part # 15038PB
Description  Legacy Part No. 5915PC Plastic Blades/Standard
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

15038PB Datasheet(HTML) 2 Page - NMB Technologies Corporation

  15038PB Datasheet HTML 1Page - NMB Technologies Corporation 15038PB Datasheet HTML 2Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NMBTC.COM / 818.341.3355
Legacy Part No. 5915PC Plastic Blades/Standard
15038PB (150 X Ø 172 X 38L)
Specifications
Rated Frequency Starting Current Input Speed
Max. Max. Static Noise Mass
MODEL
LEGACY P/N
Voltage
Voltage
Power
Air Flow Pressure
(V)
(Hz)
(V) (A)*1 (W)
(min-1)*2 CFM*1 (m3/min)*2 in H2O (Pa)*2 (dB)*2 (g)
15038PB-A0J-EA-00 5915PC-10T-B10-B00
100
50
65 0.170
16.0
1400
84.7
2.40
.173
43.1 35.0 800
100
60
65 0.020
18.0
1650 102.3
2.90
.243
60.7 38.0
800
15038PB-A0K-EA-00 5915PC-10T-B20-B00
100
50
65 0.250
22.0
2200 141.2
4.00
.393
98.0 46.0
800
100
60
65 0.230
23.0
2600 166.0
4.70
.472
117.6 50.0
800
15038PB-A0L-EP-00 5915PC-10T-B30-B00
100
50
65 0.470
37.0
2700 176.5
5.00
.629
156.8 52.0
800
100
60
65 0.440
33.0
3200 212.0
6.00
.865
215.6 56.0
800
15038PB-A1J-EA-00 5915PC-12T-B10-A00
115
50
75 0.160
16.0
1400
84.7
2.40
.173
43.1 35.0
800
115
60
75 0.190
18.0
1650 102.3
2.90
.243
60.7 38.0
800
15038PB-A1K-EA-00 5915PS-12T-B20-A00
115
50
75 0.200
21.0
2200 141.2
4.00
.393
98.0 46.0
800
115
60
75 0.210
22.0
2600 166.0
4.70
.472
117.6 50.0
800
15038PB-A1L-EP-00 5915PS-12T-B30-A00
115
50
75 0.380
35.0
2700 176.5
5.00
.629
156.8 52.0
800
115
60
75 0.360
32.0
3200 212.0
6.00
.865
215.6 56.0
800
15038PB-B0J-EA-00 5915PS-20T-B10-B00
200
50
130 0.110
16.0
1400
84.7
2.40
.169
42.1 35.0
800
200
60
130 0.130
18.0
1650 102.3
2.90
.243
60.7 38.0
800
15038PB-B0K-EA-00 5915PS-20T-B20-B00
200
50
130 0.120
22.0
2200 141.2
4.00
.393
98.0 46.0
800
200
60
130 0.140
23.0
2600 166.0
4.70
.472
117.6 50.0
800
15038PB-B0L-EP-00 5915PC-20T-B30-B00
200
50
130 0.236
34.0
2700 176.5
5.00
.629
156.8 52.0
800
200
60
130 0.210
33.0
3200 212.0
6.00
.865
215.6 56.0
800
15038PB-B2J-EA-00 5915PC-22T-B10-B00
220
50
130 0.100
16.0
1400
84.7
2.40
.169
42.1 35.0
800
220
60
130 0.120
18.0
1650 102.3
2.90
.243
60.7 38.0
800
15038PB-B2K-EA-00 5915PC-22T-B20-B00
220
50
145 0.110
23.0
2200 141.2
4.00
.393
98.0 46.0
800
220
60
145 0.130
26.0
2600 166.0
4.70
.472
117.6 50.0
800
15038PB-B2L-EP-00 5915PS-22T-B30-B00
220
50
145 0.210
40.0
2700 176.5
5.00
.629
156.8 52.0
800
220
60
145 0.180
38.0
3200 212.0
6.00
.865
215.6 56.0
800
15038PB-B3J-EA-00 5915PC-23T-B10-A00
230
50
145 0.090
16.0
1400
84.7
2.40
.169
43.1 35.0
800
230
60
145 0.110
18.0
1650 102.3
2.90
.243
60.7 38.0
800
15038PB-B3K-EA-00 5915PC-23T-B20-A00
230
50
145 0.120
23.0
2200 141.2
4.00
.393
98.0 46.0
800
230
60
145 0.140
26.0
2600 166.0
4.70
.472
117.6 50.0
800
15038PB-B3L-EP-00 5915PC-23T-B30-A00
230
50
145 0.180
35.0
2700 176.5
5.00
.629
156.8 52.0
800
230
60
145 0.190
35.0
3200 212.0
6.00
.865
215.6 56.0
800
15038PB-B4J-AA-00 5915PC-24T-B10-A00
240
50
145 0.090
16.0
1400
84.7
2.40
.169
42.1 35.0
800
240
60
145 0.110
18.0
1650 102.3
2.90
.243
60.7 38.0
800
15038PB-B4K-AA-00 5915PC-24T-B20-A00
240
50
145 0.100
22.0
2200 141.2
4.00
.393
98.0 46.0
800
240
60
145 0.110
26.0
2600 166.0
4.70
.472
117.6 50.0
800
15038PB-B4L-EP-00 5915PC-24T-B30-A00
240
50
155 0.180
34.0
2700 176.5
5.00
.629
156.8 52.0
800
240
60
155 0.170
34.0
3200 212.0
6.00
.865
215.6 56.0
800
Rotation: Counterclockwise
Airflow Outlet: Air Out Over Struts
*1: Maximum Values in Free Air
** Contact NMB for Availability
*2: Average Values in Free Air
*3: Minimum Values in Free Air
**
**
**
**
**
**
**
**
**
**
**
**



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com