Electronic Components Datasheet Search
  English  ▼

X  

LT824 Datasheet(PDF) 2 Page - LETEX TECHNOLOGY CORP.

Part # LT824
Description  Photo DMOS-FET Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT824 Datasheet(HTML) 2 Page - LETEX TECHNOLOGY CORP.

  LT824 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT824 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT824 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LT824
Rev.B
Letex Technology Corp.
Photo DMOS-FET Relay Specifications
Part Name: LT824
(Load voltage:40V / Load current: 3.5A)
Absolute Maximum Ratings (Ambient Temperature: 25℃)
Item
Symbol
Value
Units
Note
Input
Continuous LED Current
IF
50
mA
Peak LED Current
IFP
1000
mA
f=100Hz,
duty=1%
LED Reverse Voltage
VR
5
V
Input Power Dissipation
PIn
75
mW
Output
Load Voltage
VL
40
V(AC peak or DC)
Load Current
IL
3.5
A
A
AC
4.0
A
B
DC
6.0
A
C
DC
Peak Load Current
IPeak
8.5
A
300μs(1 pulse)
Output Power Dissipation
Pout
500
mW
Total Power Dissipation
PT
550
mW
I/O Breakdown Voltage
VI/O
3750
Vrms
RH=60%, 1min
I/O Breakdown Voltage(Suffix-V)
VI/O
5000
Vrms
RH=60%, 1min
Operating Temperature
Topr
-40 to +85
℃
Storage Temperature
Tstg
-40 to +100
℃
Pin Soldering Temperature
Tsol
260
℃
10 sec max.
Electrical Specifications (Ambient Temperature: 25℃)
Item
Symbol
MIN.
TYP.
MAX.
Units
Conditions
Input
LED Forward Voltage
VF
1.3
1.5
V
IF=10mA
Operation LED Current
IFon
1.0
3.0
mA
Recovery LED Current
IFoff
0.35
0.8
mA
Recovery LED Voltage
VFoff
0.7
V
Output
On-Resistance
Ron
0.043
0.07
Ω
IF=10mA,IL=Rating,
Time to flow is within
1 sec.
Off-State Leakage Current
ILeak
1.0
uA
VL=Rating
Output Capacitance
Cout
690
pF
VL=0, f=1MHz
Transmis
sion
Turn-On Time
Ton
1.5
5
ms
IF=10mA, IL= Rating
Turn-Off Time
Toff
0.05
2
ms
Coupled
I/O Isolation Resistance
RI/O
10
10
Ω
DC500V
I/O Capacitance
CI/O
1.0
1.5
pF
f=1MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com