Electronic Components Datasheet Search
  English  ▼

X  

LT910 Datasheet(PDF) 1 Page - LETEX TECHNOLOGY CORP.

Part # LT910
Description  Photo DMOS-FET Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LETEX [LETEX TECHNOLOGY CORP.]
Direct Link  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT910 Datasheet(HTML) 1 Page - LETEX TECHNOLOGY CORP.

  LT910 Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT910 Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT910 Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT910 Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LT910
Rev.B
Letex Technology Corp.
Photo DMOS-FET Relay
Description
The LT910 is a 1-Form A solid state relay in an 6 pin SMD package that employs
optically coupled MOSFET technology to provide 3750V/5000V of input to output
isolation. The optically coupled input is controlled by a highly efficient GaAlAs infrared
LED and MOS FETs on the output side.
Features
•Low driver power requirements (TTL/CMOS Compatible)
•No moving parts
•High reliability
•Arc-Free with no snubbing circuits
•3750/5000Vrms Input/Output isolation
Applications
•Telecommunications (PC, Electronic notepad)
•Measuring and Testing equipment
•Industrial control
•Security equipments
•High speed inspection machine Arc-Free with no snubbing circuits
Outline Dimensions
Max
.
Unit : mm
inch
Tolerance: ± 0.2
± .007
LETEX
LT910
R293
1
6
2
5
3
4
1. LED Anode
2. LED Cathode
4. Drain (MOS FET)
5. Source (MOS FET)
6. Drain (MOS FET)
1
3
2
6
4
5


Similar Part No. - LT910

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT911 LETEX-LT911 Datasheet
150Kb / 4P
Photo DMOS-FET Relay
LT913 LETEX-LT913 Datasheet
225Kb / 4P
Photo DMOS-FET Relay
LT915 LETEX-LT915 Datasheet
150Kb / 4P
Photo DMOS-FET Relay
LT915-1 LETEX-LT915-1 Datasheet
153Kb / 4P
Photo DMOS-FET Relay
LT916 LETEX-LT916 Datasheet
145Kb / 4P
Photo DMOS-FET Relay
More results

Similar Description - LT910

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT211SC LETEX-LT211SC Datasheet
156Kb / 5P
Photo DMOS-FET Relay
LT219-2 LETEX-LT219-2 Datasheet
138Kb / 4P
Photo DMOS-FET Relay
LT225 LETEX-LT225 Datasheet
210Kb / 4P
Photo DMOS-FET Relay
LT232 LETEX-LT232 Datasheet
125Kb / 4P
Photo DMOS-FET Relay
LT236 LETEX-LT236 Datasheet
137Kb / 4P
Photo DMOS-FET Relay
LT316 LETEX-LT316 Datasheet
140Kb / 4P
Photo DMOS-FET Relay
LT333 LETEX-LT333 Datasheet
153Kb / 4P
Photo DMOS-FET Relay
LT513 LETEX-LT513 Datasheet
173Kb / 3P
Photo DMOS-FET Relay
LT516 LETEX-LT516 Datasheet
97Kb / 3P
Photo DMOS-FET Relay
LU634 LETEX-LU634 Datasheet
143Kb / 4P
Photo DMOS-FET Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com