Electronic Components Datasheet Search
  English  ▼

X  

LSF0101 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # LSF0101
Description  1-bit bidirectional multi-voltage level translator; open-drain; push-pull
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0101 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button LSF0101 Datasheet HTML 2Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 3Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 4Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 5Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 6Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 7Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 8Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 9Page - Nexperia B.V. All rights reserved LSF0101 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Nexperia
LSF0101
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Tamb = -40 °C to +125 °C
Unit
Symbol Parameter
Conditions
Min
Typ[1]
Max
Translating up
A1 to B1 or B1 to A1;
VIH = VrefA; VEXT = Vpu = VrefA + 1 V
VrefA = 1.5 V; CL = 15 pF
-
0.5
-
ns
VrefA = 1.5 V; CL = 30 pF
-
0.9
-
ns
VrefA = 1.5 V; CL = 50 pF
-
1.1
-
ns
VrefA = 2.3 V; CL = 15 pF
-
0.4
-
ns
VrefA = 2.3 V; CL = 30 pF
-
0.8
-
ns
tPLH
LOW to HIGH
propagation delay
VrefA = 2.3 V; CL = 50 pF
-
1.0
-
ns
A1 to B1 or B1 to A1;
VIH = VrefA; VEXT = Vpu = VrefA + 1 V
VrefA = 1.5 V; CL = 15 pF
-
0.6
-
ns
VrefA = 1.5 V; CL = 30 pF
-
1.1
-
ns
VrefA = 1.5 V; CL = 50 pF
-
1.3
-
ns
VrefA = 2.3 V; CL = 15 pF
-
0.4
-
ns
VrefA = 2.3 V; CL = 30 pF
-
0.9
-
ns
tPHL
HIGH to LOW
propagation delay
VrefA = 2.3 V; CL = 50 pF
-
1.0
-
ns
[1] All typical values are measured at Tamb = 25 °C.
12.1. Waveforms and test circuit
aaa-030908
output B1, A1
input A1, B1
tPHL
tPLH
VM
VM
VIH
VIL
VOH
VOL
VM
VM
Measurement points are given in Table 9.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 6. The data input (A1, B1) to output (B1, A1) propagation delay times
LSF0101
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 3 — 8 February 2022
6 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com