Electronic Components Datasheet Search
  English  ▼

X  

88489 Datasheet(PDF) 1 Page - Belden Inc.

Part # 88489
Description  Electronic, 4 C #18 Str TC, FEP Ins, FEP Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

88489 Datasheet(HTML) 1 Page - Belden Inc.

  88489 Datasheet HTML 1Page - Belden Inc. 88489 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 88489
Electronic, 4 C #18 Str TC, FEP Ins, FEP Jkt, CMP
Product Description
High Temperature Electronic, 4 Conductor 18AWG (19x30) Tinned Copper, FEP Insulation, FEP Outer Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
extreme high/low temperature environments; chemical resistant; outdoor and burial applications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line
level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element Size Stranding
Material
Conductor(s) 4
18
19x30
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
FEP - Fluorinated Ethylene Propylene 0.0065 in (0.17 mm) 0.042 in (1.1 mm)
Black, White, Red, Green
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.009 in (0.23 mm) 0.156 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
6.4 Ohm/1000ft
21 pF/ft (69 pF/m)
11.52 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
Operating
-70°C To +200°C
Bend Radius
Stationary Min.
Installation Min.
1.56 in (39.6 mm) 1.56 in
Max. Pull Tension:
82 lbs (37 kg)
Bulk Cable Weight:
28 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Outdoor, Burial


Similar Part No. - 88489

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
8848 KEYSTONE-8848 Datasheet
96Kb / 1P
PTFE FORK INSULATED TERMINAL
3.31.99
More results

Similar Description - 88489

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
88760 BELDEN-88760 Datasheet
212Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
04-19-2023
88770 BELDEN-88770 Datasheet
205Kb / 2P
Electronic, 3 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
82489 BELDEN-82489 Datasheet
161Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, PVC Jkt, CMP
01-20-2023
83652 BELDEN-83652 Datasheet
192Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83654 BELDEN-83654 Datasheet
169Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
Date: 01-20-2023
83656 BELDEN-83656 Datasheet
208Kb / 2P
Electronic, 6 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83662 BELDEN-83662 Datasheet
225Kb / 2P
Electronic, 12 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
88444 BELDEN-88444 Datasheet
166Kb / 2P
Electronic, 4 C #22 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89418 BELDEN-89418 Datasheet
190Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
01-20-2023
89740 BELDEN-89740 Datasheet
144Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com