Electronic Components Datasheet Search
  English  ▼

X  

9770 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9770
Description  Electronic, 3 C #22 Str TC, PP Ins, OS, PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9770 Datasheet(HTML) 1 Page - Belden Inc.

  9770 Datasheet HTML 1Page - Belden Inc. 9770 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9770
Electronic, 3 C #22 Str TC, PP Ins, OS, PVC Jkt, CM
Product Description
Electronic, 3 Conductor 22AWG (7x30) Tinned Copper, PP Insulation, Overall Beldfoil® Shield, PVC Outer Jacket, CM
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 3
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PP - Polypropylene 0.009 in (0.23 mm) 0.046 in (1.2 mm)
Black, Red, White
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (19x34) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.020 in (0.51 mm) 0.145 in (3.68 mm)
Overall Cable Diameter (Nominal): 0.145 in (3.68 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 16 Ohm/1000ft
32 pF/ft (100 pF/m)
60 pF/ft (200 pF/m)
3 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CM)
Mechanical Characteristics
Temperature
Operating
-20°C to +90°C
Bend Radius
Stationary Min. Installation Min.
1.5 in (38 mm)
1.5 in (38 mm)
Max. Pull Tension:
36 lbs (16 kg)


Similar Part No. - 9770

ManufacturerPart #DatasheetDescription
logo
Heyco.
9770 HEYCO-9770 Datasheet
106Kb / 1P
Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
Time Electronics Ltd.
9770 TIME-ELECTRONICS-9770 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9770 TIME-ELECTRONICS-9770 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
9770 TIME-ELECTRONICS-9770 Datasheet
696Kb / 3P
5025E Multifunction Calibrator
05/20
logo
Vishay Siliconix
97701E3 VISHAY-97701E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
More results

Similar Description - 9770

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8761 BELDEN-8761 Datasheet
244Kb / 2P
Electronic, 2 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
8762 BELDEN-8762 Datasheet
243Kb / 2P
Electronic, 2 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
8770 BELDEN-8770 Datasheet
263Kb / 2P
Electronic, 3 C #18 Str TC, PE Ins, OS, PVC Jkt, CM
8772 BELDEN-8772 Datasheet
244Kb / 2P
Electronic, 3 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
9461 BELDEN-9461 Datasheet
265Kb / 2P
Electronic, 1 Pr #22 Str TC, PE Ins, OS, PVC Jkt, CM
9462 BELDEN-9462 Datasheet
185Kb / 2P
Electronic, 2 C #22 Str TC, PVC Ins, OS, PVC Jkt, CMG
01-20-2023
8771 BELDEN-8771 Datasheet
194Kb / 2P
Electronic, 3 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
04-19-2023
8729 BELDEN-8729 Datasheet
165Kb / 2P
Electronic, 4 C #22 Str TC, PE Ins, OS, PVC Jkt, CM
04-14-2023
9464 BELDEN-9464 Datasheet
146Kb / 2P
Electronic, 2 C #20 Str TC, PO Ins, OS, PVC Jkt, CM
01-20-2023
8734 BELDEN-8734 Datasheet
155Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, 1C w/ TC Brd, PVC Jkt, CM
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com