Electronic Components Datasheet Search
  English  ▼

X  

PVM-2TE Datasheet(PDF) 2 Page - VIGO Photonics S.A.

Part # PVM-2TE
Description  2.0 – 12.0 μm HgCdTe two-stage thermoelectrically cooled photovoltaic multiple junction detectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

PVM-2TE Datasheet(HTML) 2 Page - VIGO Photonics S.A.

  PVM-2TE Datasheet HTML 1Page - VIGO Photonics S.A. PVM-2TE Datasheet HTML 2Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PVM-2TE series HgCdTe detectors datasheet
P a g e | 2
06/12/2021
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
Mechanical layout, mm
2TE-TO8 package
2TE-TO66 package
Φ – acceptance angle
Φ – acceptance angle
Bottom view
Top view
Function
Pin number
Detector
1, 3
Thermistor
7, 9
TE cooler supply
2(+), 8(–)
Chassis ground
11
Not used
4, 5, 6, 10, 12
Bottom view
Function
Pin number
Detector
7, 8
Thermistor
5, 6
TE cooler supply 1(+), 9(–)
Not used
2, 3, 4
Dedicated preamplifiers
„all-in-one” AIP
programmable PIP
standard MIP
small SIP-TO8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com