Electronic Components Datasheet Search
  English  ▼

X  

HS4011 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HS4011
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Digital Output
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4011 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HS4011 Datasheet HTML 7Page - Renesas Technology Corp HS4011 Datasheet HTML 8Page - Renesas Technology Corp HS4011 Datasheet HTML 9Page - Renesas Technology Corp HS4011 Datasheet HTML 10Page - Renesas Technology Corp HS4011 Datasheet HTML 11Page - Renesas Technology Corp HS4011 Datasheet HTML 12Page - Renesas Technology Corp HS4011 Datasheet HTML 13Page - Renesas Technology Corp HS4011 Datasheet HTML 14Page - Renesas Technology Corp HS4011 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
HS401x Datasheet
R36DS0023EU0104 Rev.1.04
Mar 14, 2023
Page 11
Figure 9. Typical Hold Measurement Sequence for a Humidity and Temperature Command
4.4.2.
Performing a No-Hold Measurement
A no-hold measurement sequence consists of the following steps, as illustrated in Figure 10.
1.
Wake up the HS401x series sensor from sleep mode by sending its I2C address with a write bit and initiate a
measurement by sending the desired no-hold measurement command.
2.
To read the result from the HS401x series sensor, the master has to send the chip its I2C address and a
read bit. If the measurement is completed and the result is ready, the chip will send an ACK bit and starts to
send the result over the bus. If the measurement is still in progress, the chip will send a NACK bit and the
master will need to try to read the result again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27