Electronic Components Datasheet Search
  English  ▼

X  

HS4111 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HS4111
Description  High Performance Relative Humidity and Temperature Sensor with Membrane and Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4111 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HS4111 Datasheet HTML 1Page - Renesas Technology Corp HS4111 Datasheet HTML 2Page - Renesas Technology Corp HS4111 Datasheet HTML 3Page - Renesas Technology Corp HS4111 Datasheet HTML 4Page - Renesas Technology Corp HS4111 Datasheet HTML 5Page - Renesas Technology Corp HS4111 Datasheet HTML 6Page - Renesas Technology Corp HS4111 Datasheet HTML 7Page - Renesas Technology Corp HS4111 Datasheet HTML 8Page - Renesas Technology Corp HS4111 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HS411x Datasheet
R36DS0025EU0102 Rev.1.02
Apr 28, 2022
Page 4
1.
Pin Information
1.1
Pin Assignments
Top View
1.2
Pin Descriptions
Pin Number
Pin Name
Type
Description
1
VRH [1]
Out
Analog RH output voltage.
2
VSS
In
Ground.
3
VSS
In
Ground.
4
VT [1]
Out
Analog temperature output voltage.
5
VDD
In
Supply voltage.
6
NC [2]
-
Do not connect.
7
NC [2]
-
Do not connect.
8
VSS
In
Ground.
1.
VRH and VT requires a capacitor (see Application Circuit).
2.
“NC” stands for not connected / no connection required / not bonded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com