Electronic Components Datasheet Search
  English  ▼

X  

HS4103 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HS4103
Description  High Performance Relative Humidity and Temperature Sensor with Analog Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS4103 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HS4103 Datasheet HTML 5Page - Renesas Technology Corp HS4103 Datasheet HTML 6Page - Renesas Technology Corp HS4103 Datasheet HTML 7Page - Renesas Technology Corp HS4103 Datasheet HTML 8Page - Renesas Technology Corp HS4103 Datasheet HTML 9Page - Renesas Technology Corp HS4103 Datasheet HTML 10Page - Renesas Technology Corp HS4103 Datasheet HTML 11Page - Renesas Technology Corp HS4103 Datasheet HTML 12Page - Renesas Technology Corp HS4103 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HS410x Datasheet
R36DS0024EU0102 Rev.1.02
Apr 28, 2022
Page 9
5.
Application Circuit
The HS410x sensor requires a 2.2µF ceramic capacitor connected to the ground on both the VRH and VT
outputs. It is also recommended to buffer the output of the relative humidity and temperature signals before
processing the analog voltage. The buffer should have a low input leakage current, < 1nA, and a low input offset
voltage, < 1mV, to ensure high signal integrity.
Figure 12. HS410x Application Circuit
6. Converting Output Signal
The voltage levels of the filtered analog output signal are ratio-metric with VDD. The default output range for the
relative humidity and temperature is from 10% to 90%.
Each HS410x sensor is individually calibrated, so that a standard linear fitting equation can be used to obtain the
measured temperature and RH value.
Figure 13 and Figure 14 shows the RH and temperature graphically.
The relative humidity (in percent) and the temperature (in degrees Celsius) are calculated with Equation 1 and
Equation 2, respectively.
������������������������������������������������������������������������������������������������[%������������������������]=125∗������������������������������������������������������������������������−12.5
Equation 1
������������������������������������������������������������������������������������������������������������������������������������[°������������]=181.25∗ ������������������������������������������������������������−58.125
Equation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com