Electronic Components Datasheet Search
  English  ▼

X  

ICSLV810 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICSLV810
Description  BUFFER/CLOCK DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSLV810 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICSLV810 Datasheet HTML 1Page - Renesas Technology Corp ICSLV810 Datasheet HTML 2Page - Renesas Technology Corp ICSLV810 Datasheet HTML 3Page - Renesas Technology Corp ICSLV810 Datasheet HTML 4Page - Renesas Technology Corp ICSLV810 Datasheet HTML 5Page - Renesas Technology Corp ICSLV810 Datasheet HTML 6Page - Renesas Technology Corp ICSLV810 Datasheet HTML 7Page - Renesas Technology Corp ICSLV810 Datasheet HTML 8Page - Renesas Technology Corp ICSLV810 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATASHEET
BUFFER/CLOCK DRIVER
ICSLV810
IDT™ / ICS™ BUFFER/CLOCK DRIVER
1
ICSLV810
REV H 051310
Description
The ICSLV810 is a low skew 1.5 V to 2.5 V, 1:10 fanout
buffer. This device is specifically designed for data
communications clock management. The large fanout from
a single input line reduces loading on the input clock. The
TTL level outputs reduce noise levels on the part. Typical
applications are clock and signal distribution.
Features
• Packaged in 20-pin QSOP/SSOP
• Split 1:10 fanout Buffer
• Maximum skew between outputs of different packages
0.75 ns
• Max propagation delay of 3.8 ns
• Operating voltage of 1.5 V to 2.5 V on Bank A
• Operating voltage of 1.5 V to 2.5 V on Banks B and C
• Advanced, low power, CMOS process
• Industrial temperature range -40° C to +85° C
• 3.3 V tolerant input when VDDA=2.5 V
• Pb (lead) free packaging
Block Diagram
CLK 1
CLK 2
CLK 3
CLK 4
CLK 5
CLK 6
CLK 7
CLK 8
CLK 9
CLK 10
VDDA
VDDB
CLKIN
VDDC


Similar Part No. - ICSLV810

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSLV810 ICST-ICSLV810 Datasheet
243Kb / 12P
Buffer/Clock Driver
Revision 101305
logo
Integrated Device Techn...
ICSLV810 IDT-ICSLV810 Datasheet
304Kb / 14P
BUFFER/CLOCK DRIVER
logo
Integrated Circuit Syst...
ICSLV810FI ICST-ICSLV810FI Datasheet
243Kb / 12P
Buffer/Clock Driver
Revision 101305
ICSLV810FILF ICST-ICSLV810FILF Datasheet
243Kb / 12P
Buffer/Clock Driver
Revision 101305
ICSLV810FILFT ICST-ICSLV810FILFT Datasheet
243Kb / 12P
Buffer/Clock Driver
Revision 101305
More results

Similar Description - ICSLV810

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
Clock Buffer/Driver
September 28, 1999 rev
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
Buffer/Clock Driver
Revision 031104
ICSLV810 ICST-ICSLV810 Datasheet
243Kb / 12P
Buffer/Clock Driver
Revision 101305
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
BUFFER/CLOCK DRIVER
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
Differential Clock Buffer/Driver
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23_01 Datasheet
193Kb / 11P
Clock Buffer/Driver
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
Clock Buffer/Driver
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
BUFFER/CLOCK DRIVER
051310
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
BUFFER/CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com