Electronic Components Datasheet Search
  English  ▼

X  

KA4A4Z Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # KA4A4Z
Description  SILICON TRANSISTOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KA4A4Z Datasheet(HTML) 5 Page - Renesas Technology Corp

  KA4A4Z Datasheet HTML 1Page - Renesas Technology Corp KA4A4Z Datasheet HTML 2Page - Renesas Technology Corp KA4A4Z Datasheet HTML 3Page - Renesas Technology Corp KA4A4Z Datasheet HTML 4Page - Renesas Technology Corp KA4A4Z Datasheet HTML 5Page - Renesas Technology Corp KA4A4Z Datasheet HTML 6Page - Renesas Technology Corp KA4A4Z Datasheet HTML 7Page - Renesas Technology Corp KA4A4Z Datasheet HTML 8Page - Renesas Technology Corp KA4A4Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet D16495EJ5V0DS
3
KA4xxx
Note 3.
PART NUMBER
R1
R2
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
KA4A4M
7.00
10.00
13.00
7.00
10.00
13.00
k
Ω
KA4F4M
15.40
22.00
28.60
15.40
22.00
28.60
k
Ω
KA4L4M
32.90
47.00
61.10
32.90
47.00
61.10
k
Ω
KA4L3M
3.29
4.70
6.11
3.29
4.70
6.11
k
Ω
KA4L3N
3.29
4.70
6.11
7.00
10.00
13.00
k
Ω
KA4L3Z
3.29
4.70
6.11
k
Ω
KA4A3Q
0.70
1.00
1.30
7.00
10.00
13.00
k
Ω
KA4A4P
7.00
10.00
13.00
32.90
47.00
61.10
k
Ω
KA4F4N
15.40
22.00
28.60
32.90
47.00
61.10
k
Ω
KA4L4L
32.90
47.00
61.10
15.40
22.00
28.60
k
Ω
KA4A4Z
7.00
10.00
13.00
k
Ω
KA4F4Z
15.40
22.00
28.60
k
Ω
KA4L4Z
32.90
47.00
61.10
k
Ω
KA4F3M
1.54
2.20
2.86
1.54
2.20
2.86
k
Ω
KA4F3P
1.54
2.20
2.86
7.00
10.00
13.00
k
Ω
KA4F3R
1.54
2.20
2.86
32.90
47.00
61.10
k
Ω
KA4A4L
7.00
10.00
13.00
3.29
4.70
6.11
k
Ω
KA4L4K
32.90
47.00
61.10
7.00
10.00
13.00
k
Ω
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
50
100
150
200
250
0
50
100
150
200
TA - Ambient Temperature -
°C
Mounted on ceramic substrate of
3.0 cm
2
x 0.64 mm
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com