Electronic Components Datasheet Search
  English  ▼

X  

MPC9817 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9817
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9817 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9817 Datasheet HTML 1Page - Renesas Technology Corp MPC9817 Datasheet HTML 2Page - Renesas Technology Corp MPC9817 Datasheet HTML 3Page - Renesas Technology Corp MPC9817 Datasheet HTML 4Page - Renesas Technology Corp MPC9817 Datasheet HTML 5Page - Renesas Technology Corp MPC9817 Datasheet HTML 6Page - Renesas Technology Corp MPC9817 Datasheet HTML 7Page - Renesas Technology Corp MPC9817 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
NRND
MPC9817 REVISION 3 AUGUST 16, 2012
1
©2012 Integrated Device Technology, Inc.
Clock Generator for PowerQUICC and PowerPC
Microprocessors and Microcontrollers
MPC9817
The MPC9817 is a PLL-based clock generator specifically designed for
Freescale Semiconductor Microprocessor and Microcontroller applications
including the PowerPC and PowerQUICC. This device generates the
microprocessor input clock and other microprocessor system and bus clocks at
any one of four output frequencies. These frequencies include the popular
33- and 66-MHz PCI bus frequencies. The device offers five low-skew clock
outputs plus three reference outputs. The clock input reference is 25 MHz and
may be derived from an external source or by the addition of a 25-MHz crystal to
the on-chip crystal oscillator. The extended temperature range of the MPC9817
supports telecommunication and networking requirements.
Features
•
5 LVCMOS Outputs for Processor and Other System Circuitry
•
3 Buffered 25-MHz Reference Clock Outputs
•
Crystal Oscillator or External Reference Input
•
25-MHz Input Reference Frequency
•
Selectable Output Frequencies Include: 25, 33, 50, or 66 MHz
•
Low Cycle-to-Cycle and Period Jitter
•
Package: 20-Lead SSOP
•
3.3-V Supply
•
Supports Computing, Networking, and Telecommunications Applications
•
Ambient Temperature Range: –40°C to +85°C
•
NOT RECOMMENDED FOR NEW DESIGNS
Functional Description
The MPC9817 uses a PLL with a 25-MHz input reference frequency to
generate a single bank of five configurable LVCMOS output clocks. The output
frequency of this bank is configurable to either 25, 33, 50, or 66 MHz by two FSEL
pins. The 25-MHz reference may be either an external frequency source or a 25-
MHz crystal. The 25-MHz crystal is directly connected to the XTAL_IN and
XTAL_OUT pins with no additional components required. An external reference
may be applied to the XTAL_IN pin with the XTAL_OUT pin left floating. The input
reference, whether provided by a crystal or an external input, is also directly
buffered to a second bank of three LVCMOS outputs. These outputs may be used
as the clock source for processor I/O applications such as an Ethernet PHY.
When FSEL0 and FSEL1 are both configured low, the QA outputs are directly fed
from the input reference providing a total of eight low-skew 25-MHz outputs. For all other combinations of FSEL0 and FSEL1 the single-ended
LVCMOS outputs provide five low-skew outputs for use in driving a microprocessor or microcontroller clock input as well as other system
components.
The MPC9817 is packaged in a 20-lead SSOP package.
MICROPROCESSOR
CLOCK GENERATOR
EN SUFFIX
20 SSOP PACKAGE
Pb-FREE PACKAGE
CASE 1461-01
SD SUFFIX
20 SSOP PACKAGE
CASE 1461-01
ORDERING INFORMATION
Device
Package
MPC9817SD
SSOP-20, Tube
MPC9817SDR2
SSOP-20, Tape & Reel
MPC9817EN
SSOP-20 (Pb-Free), Tube
MPC9817ENR2
SSOP-20 (Pb-Free), Tape & Reel


Similar Part No. - MPC9817

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
More results

Similar Description - MPC9817

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
245 MHz Clock Generator and Integrated Buffer for PowerPC
Rev C 02/12/98
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev A 10/12/99
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
133MHz Clock Generator and Integrated Buffer for PowerPC?
Rev E 9/06/00
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
Clock Generator for PowerQUICC III
logo
NEC
UPB8284A NEC-UPB8284A Datasheet
168Kb / 6P
CLOCK GENERATOR AND DRIVER FOR 8086/8088 MICROPROCESSORS
logo
List of Unclassifed Man...
AM8224 ETC2-AM8224 Datasheet
75Kb / 1P
CLOCK GENERATOR AND DRIVER FOR 8080A COMPATIBLE MICROPROCESSORS
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
Clock Generator for PowerQUICC III
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com