Electronic Components Datasheet Search
  English  ▼

X  

P1935 Datasheet(PDF) 5 Page - PREMIER DEVICES, INC.

Part # P1935
Description  Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

P1935 Datasheet(HTML) 5 Page - PREMIER DEVICES, INC.

  P1935 Datasheet HTML 1Page - PREMIER DEVICES, INC. P1935 Datasheet HTML 2Page - PREMIER DEVICES, INC. P1935 Datasheet HTML 3Page - PREMIER DEVICES, INC. P1935 Datasheet HTML 4Page - PREMIER DEVICES, INC. P1935 Datasheet HTML 5Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Product Specification
P1935
Power Amplifier 1880-1920 MHz, 35 dB min. Gain @ 1900 Hz @ 33.5 dBm Output
Page 5 of 5
September 2006
Document Revision Level B
DEFINITIONS
Data Sheet Status
Objective Product
Specification
This data sheet contains target or goal specifications for product
development.
Preliminary Product
Specification
This data sheet contains preliminary data; supplementary data may
be published later.
Product Specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134).
Stress above one or more of the limiting values may cause permanent damage to the device.
These are stress ratings only and operation of the device at these or at any other conditions
above those given in the Characteristics sections of the specification is not implied. Exposure to
limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
Premier Devices reserves the right to make changes without further notice to any products herein.
Premier Devices makes no warranty representation or guarantee regarding the suitability of its products for any particular
purpose, nor does Premier Devices assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical”
parameters which may be provided in Premier Devices datasheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated
for each customer application by customer´s technical experts. Premier Devices does not convey any license under its
patent rights nor the rights of others. Premier Devices products are not designed, intended, or authorized for use as
components in systems intended for surgical implant into the body, or other applications intended to support or sustain
life, or for any other application in which the failure of the Premier Devices product could create a situation where personal
injury or death may occur. Should Buyer purchase or use Premier Devices products for any such unintended or
unauthorized application, Buyer shall indemnify and hold Premier Devices and its officers, employees, subsidiaries,
affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, and claim of personal injury or death associated with such unintended or unauthorized
use, even if such claim alleges that Premier Devices was negligent regarding the design or manufacture of the part.
© Premier Devices Germany GmbH 2006
How to contact us:
Premier Devices Germany GmbH
Loeffelholzstrasse 20, D-90441 Nuernberg, Germany
Phone: +49 (0) 911 9411 233, FAX: +49 (0) 911 9411 198,
Email: sales.germany@premierdevices.com, Internet: http://www.premierdevices.de/



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com