Electronic Components Datasheet Search
  English  ▼

X  

DML3012LDC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DML3012LDC
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3012LDC Datasheet(HTML) 1 Page - Diodes Incorporated

  DML3012LDC Datasheet HTML 1Page - Diodes Incorporated DML3012LDC Datasheet HTML 2Page - Diodes Incorporated DML3012LDC Datasheet HTML 3Page - Diodes Incorporated DML3012LDC Datasheet HTML 4Page - Diodes Incorporated DML3012LDC Datasheet HTML 5Page - Diodes Incorporated DML3012LDC Datasheet HTML 6Page - Diodes Incorporated DML3012LDC Datasheet HTML 7Page - Diodes Incorporated DML3012LDC Datasheet HTML 8Page - Diodes Incorporated DML3012LDC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DML3012LDC
Document number: DS44725 Rev. 7 - 2
1 of 13
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML3012LDC
SINGLE CHANNEL SMART LOAD SWITCH
Description
The
DIODES™ DML3012LDC load switch provides a component and
area-reducing solution for efficient power domain switching with inrush
current limit via soft-start. In addition to integrated control functionality
with ultra-low on-resistance, this device offers system safeguards and
monitoring via fault protection and power good signaling. This cost-
effective solution is ideal for power management and hot-swap
applications requiring low power consumption in a small footprint.
Applications
Portable electronics and systems
Notebook and tablet computers
Telecom, networking, medical, and industrial equipment
Set-top boxes, servers, and gateways
Hot-swap devices and peripheral ports
Features and Benefits
Advanced Controller with Charge Pump
Integrated N-Channel MOSFET with Ultra-Low RON
Input Voltage Range 0.5V to 20V
Soft-Start via Controlled Slew Rate
Adjustable Slew Rate Control
Power Good Signal
Thermal Shutdown
VCC Undervoltage Lockout
Short-Circuit Protection
Extremely Low Standby Current
Load Bleed (Quick Discharge)
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: V-DFN3030-12
Package Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
— NiPdAu over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.024 grams (Approximate)
Ordering Information (Note 4)
Part Number
Package
Tape Width
Tape Pitch
Packing
Qty.
Carrier
DML3012LDC-7A
V-DFN3030-12 (Type B)
12mm
8mm
1,500
Tape & Reel
DML3012LDC-7
V-DFN3030-12 (Type B)
8mm
4mm
3,000
Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more
information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
VIN
VIN
EN
VCC
GND
SR
PG
VOUT
VOUT
VOUT
VOUT
VOUT
BLE E D
Bottom View
Top View
V-DFN3030-12 (Type B)
Top View
VIN
VCC
VOUT
Pin1
VOUT
VOUT
VOUT
VOUT
VIN


Similar Part No. - DML3012LDC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML3012LDC DIODES-DML3012LDC Datasheet
1Mb / 13P
SINGLE-CHANNEL SMART LOAD SWITCH
June 2024 Rev. 8 - 2
DML3012LDC-7 DIODES-DML3012LDC-7 Datasheet
1Mb / 13P
SINGLE-CHANNEL SMART LOAD SWITCH
June 2024 Rev. 8 - 2
DML3012LDC-7A DIODES-DML3012LDC-7A Datasheet
1Mb / 13P
SINGLE-CHANNEL SMART LOAD SWITCH
June 2024 Rev. 8 - 2
DML3012LDC DIODES-DML3012LDC_V01 Datasheet
1Mb / 13P
SINGLE-CHANNEL SMART LOAD SWITCH
June 2024 Rev. 8 - 2
More results

Similar Description - DML3012LDC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DML1005LDS DIODES-DML1005LDS Datasheet
1Mb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1007LDS DIODES-DML1007LDS Datasheet
872Kb / 10P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 2
DML1008LDS DIODES-DML1008LDS Datasheet
1Mb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML10M8LDS DIODES-DML10M8LDS Datasheet
667Kb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML1006LDS DIODES-DML1006LDS_17 Datasheet
669Kb / 11P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 1
DML3006LFDS DIODES-DML3006LFDS Datasheet
1Mb / 9P
SINGLE CHANNEL SMART LOAD SWITCH
Rev 3
logo
Alpha & Omega Semicondu...
AOZ1336DI AOSMD-AOZ1336DI Datasheet
1Mb / 14P
Single Channel Smart Load Switch
Rev. 1.0 January 2014
logo
Diodes Incorporated
DLS3035FGBQ DIODES-DLS3035FGBQ Datasheet
1Mb / 8P
SINGLE CHANNEL SMART LOAD SWITCH
August 2022 Rev. 2 - 2
DML3010LFDS DIODES-DML3010LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 4 - 2
DML3011LFDS DIODES-DML3011LFDS Datasheet
1Mb / 12P
SINGLE CHANNEL SMART LOAD SWITCH
July 2022 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com