Electronic Components Datasheet Search
  English  ▼

X  

FKBA0903 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA0903
Description  N-Ch and P-Ch Fast Switching MOSFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA0903 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA0903 Datasheet HTML 1Page - FETek Technology Corp. FKBA0903 Datasheet HTML 2Page - FETek Technology Corp. FKBA0903 Datasheet HTML 3Page - FETek Technology Corp. FKBA0903 Datasheet HTML 4Page - FETek Technology Corp. FKBA0903 Datasheet HTML 5Page - FETek Technology Corp. FKBA0903 Datasheet HTML 6Page - FETek Technology Corp. FKBA0903 Datasheet HTML 7Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : B
FKBA0903
N-Ch and P-Ch Fast Switching MOSFETs
11
Symbol
Parameter
Rating
Units
N-Channel
P-Channel
VDS
Drain-Source Voltage
100
-100
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
8
-6.2
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V1
4.4
-3.9
A
ID@TA=25℃
Continuous Drain Current, VGS @ 10V1
2.6
-1.8
A
ID@TA=100℃
Continuous Drain Current, VGS @ 10V1
1.6
-1.1
A
IDM
Pulsed Drain Current2
25
-25
A
EAS
Single Pulse Avalanche Energy3
25
49
mJ
IAS
Avalanche Current
10
-14
A
PD@TC=25℃
Total Power Dissipation4
17.8
17.8
W
PD@TA=25℃
Total Power Dissipation4
1.5
1.5
W
TSTG
Storage Temperature Range
-55 to 150
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
85
℃/W
RθJC
Thermal Resistance Junction-Case1
---
7
℃/W
BVDSS
RDSON
ID
100V
100m
Ω
8A
-100V
220m
Ω
-6.2A
Applications
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary
Features
⚫ Advanced Trench MOS Technology
⚫ 100% EAS Guaranteed
⚫ Reliable and Rugged
⚫ Green Device Available
⚫ Power Management.
⚫ DC Motor Control.


Similar Part No. - FKBA0903

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA0018A FETEK-FKBA0018A Datasheet
516Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKBA0020A FETEK-FKBA0020A Datasheet
653Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKBA0024A FETEK-FKBA0024A Datasheet
606Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKBA0036 FETEK-FKBA0036 Datasheet
716Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
FKBA0040 FETEK-FKBA0040 Datasheet
651Kb / 4P
N-Ch 100V Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKBA0903

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM3301 UNITPOWER-UM3301 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
UM3302 UNITPOWER-UM3302 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
UM3801 UNITPOWER-UM3801 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
UM4302 UNITPOWER-UM4302 Datasheet
1,017Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
UD4301 UNITPOWER-UD4301 Datasheet
1Mb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA3903 FETEK-FKBA3903 Datasheet
671Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKBA4903 FETEK-FKBA4903 Datasheet
450Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKBB0903 FETEK-FKBB0903 Datasheet
700Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKD3903 FETEK-FKD3903 Datasheet
594Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
FKS3903 FETEK-FKS3903 Datasheet
607Kb / 7P
N-Ch and P-Ch Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com