Electronic Components Datasheet Search
  English  ▼

X  

9938 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9938
Description  RS232/423 Low Cap, #24-37c, FPE, O/A FoilBraid, PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9938 Datasheet(HTML) 1 Page - Belden Inc.

  9938 Datasheet HTML 1Page - Belden Inc. 9938 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9938
RS232/423 Low Cap, #24-37c, FPE, O/A Foil+Braid, PVC Jkt, CM
Product Description
Computer EIA RS-232/423 Cable, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, overall Beldfoil® (100% coverage) + tinned
copper braid shield (65% coverage), drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Extended Distance & RS-423 Applications; Computer Communications; Low Voltage Analog Signals (4-20mA, 0-10V, ...); Low Voltage Digital Control (24V, …);
Line Level Audio; Panel Wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 37
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Color Code
Conductor(s)
PE -
Polyethylene
(Foam)
0.0125 in
(0.318 mm)
Black, White, Red, Green, Orange, Blue, White/Black Stripe, Red/Black Stripe, Green/Black Stripe, Orange/Black Stripe, Blue/Black Stripe, Black/White Stripe,
Red/White Stripe, Green/White Stripe, Blue/White Stripe, Black/Red Stripe, White/Red Stripe, Orange/Red Stripe, Blue/Red Stripe, Red/Green Stripe,
Orange/Green Stripe, Black/White/Red Stripes, White/Black/Red Stripes, Red/Black/White Stripes, Green/Black/White Stripes, Orange/Black/White Stripes,
Blue/Black/White Stripes, Black/Red/Green Stripes, White/Red/Green Stripes, Red/Black/Green Stripes, Green/Black/Orange Stripes, Orange/Black/Green
Stripes, Blue/White/Orange Stripes, Black/White/Orange Stripes, White/Red/Orange Stripes, Orange/White/Blue Stripes, White/Red/Blue Stripes
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.045 in (1.1 mm) 0.449 in (11.4 mm)
Overall Cable Diameter (Nominal):
0.449 in (11.4 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Velocity of Prop.
Max. Current
Conductor(s) 24 Ohm/1000ft (79 Ohm/km) 12 pF/ft (39 pF/m)
22 pF/ft (72 pF/m)
78%
1.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CM), 30 V (UL AWM 2919)
Mechanical Characteristics
Temperature
UL Temperature
Operating


Similar Part No. - 9938

ManufacturerPart #DatasheetDescription
logo
Bahco
9938 BAHCO-9938 Datasheet
130Kb / 1P
Resettab le pliers fo r bo th internal and external circlips
logo
TE Connectivity Ltd
993850-000 TEC-993850-000 Datasheet
3Mb / 40P
Raychem Application Tooling
993872-000 TEC-993872-000 Datasheet
3Mb / 40P
Raychem Application Tooling
993877-000 TEC-993877-000 Datasheet
3Mb / 40P
Raychem Application Tooling
More results

Similar Description - 9938

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9925 BELDEN-9925 Datasheet
190Kb / 2P
RS232/423 Low Cap, #24-3c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9934 BELDEN-9934 Datasheet
203Kb / 2P
RS232/423 Low Cap, #24-9c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9936 BELDEN-9936 Datasheet
158Kb / 2P
RS232/423 Low Cap, #24-15c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
9927 BELDEN-9927 Datasheet
194Kb / 2P
RS232/423 Low Cap, #24-4c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9929 BELDEN-9929 Datasheet
158Kb / 2P
RS232/423 Low Cap, #24-5c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
1419A BELDEN-1419A Datasheet
194Kb / 2P
RS232/422 Low Cap, #24-2pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9937 BELDEN-9937 Datasheet
163Kb / 2P
RS232/423 Low Cap, #24-25c, FPE, O/A FoilBraid, PVC Jkt, CM
01-20-2023
9618 BELDEN-9618 Datasheet
169Kb / 2P
RS232, #24-37c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9935 BELDEN-9935 Datasheet
164Kb / 2P
RS232/423 Low Cap, #24-10c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
9932 BELDEN-9932 Datasheet
162Kb / 2P
RS232/423 Low Cap, #24-7c, FPE, O/A FoilBraid, PVC Jkt, CM
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com