Electronic Components Datasheet Search
  English  ▼

X  

MAC4DCM Datasheet(PDF) 1 Page - HAOPIN MICROELECTRONICS CO.,LTD

Part # MAC4DCM
Description  Blocking voltage to 600 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
Direct Link  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD

MAC4DCM Datasheet(HTML) 1 Page - HAOPIN MICROELECTRONICS CO.,LTD

  MAC4DCM Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DCM Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DCM Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DCM Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DCM Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD MAC4DCM Datasheet HTML 6Page - HAOPIN MICROELECTRONICS CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching
Blocking voltage to 600 V
On-state RMS current to 4 A
Features
Pin
Description
1
2
3
TAB
Main terminal 1 (T1)
gate (G)
Main teminal 2(T2)
Main terminal 2 (T2)
Unit
SYMBOL
PARAMETER
Value
VDRM
600
V
ITRMS
4
A
ITSM
40
A
Repetitive peak off-state voltages
RMS on-state current
full sine wave
Non-repetitive peak on-state current
(full cycle,Tj =125
)
SYMBOL
PARAMETER
MAX
UNIT
Rjc
Rja
Thermal Resistance - Junction-to-case
Thermal resistance - Junction to ambient
TYP
MIN
/W
/W
-
-
-
-
88
3.5
Simplified outline
Symbol
T2
T1
G
1/6
http://www.haopin.com
HAOPIN MICROELECTRONICS CO.,LTD.
Three quadrant triacs
MAC4DCM
TM
HPM
Description
Passivated high commutation triacs in a plastic envelope intended for use in circuits where
high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the
full rated ms current at the maximum rated junction temperature without the aid of a snubber.
TO-252


Similar Part No. - MAC4DCM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
logo
ON Semiconductor
MAC4DCM ONSEMI-MAC4DCM Datasheet
120Kb / 8P
Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
MAC4DCM ONSEMI-MAC4DCM Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
logo
Kersemi Electronic Co.,...
MAC4DCM KERSEMI-MAC4DCM Datasheet
464Kb / 8P
Silicon Bidirectional Thyristors
logo
ON Semiconductor
MAC4DCM-001 ONSEMI-MAC4DCM-001 Datasheet
120Kb / 8P
Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 4
More results

Similar Description - MAC4DCM

ManufacturerPart #DatasheetDescription
logo
HAOPIN MICROELECTRONICS...
BT136S-600D HAOPIN-BT136S-600D Datasheet
299Kb / 5P
Blocking voltage to 600 V
BT137S-600E HAOPIN-BT137S-600E Datasheet
524Kb / 5P
Blocking voltage to 600 V
BTA10-600C HAOPIN-BTA10-600C Datasheet
377Kb / 5P
Blocking voltage to 600 V
BTB12-600B HAOPIN-BTB12-600B Datasheet
446Kb / 5P
Blocking voltage to 600 V
MAC4DHM HAOPIN-MAC4DHM Datasheet
382Kb / 5P
Blocking voltage to 600 V
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
Blocking voltage to 600 V
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
Blocking voltage to 600 V
T810-600B HAOPIN-T810-600B Datasheet
364Kb / 5P
Blocking voltage to 600 V
S6012R HAOPIN-S6012R Datasheet
307Kb / 5P
Blocking voltage to 600 V
BT169 HAOPIN-BT169 Datasheet
211Kb / 4P
Blocking voltage to 600 V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com