Electronic Components Datasheet Search
  English  ▼

X  

ADN2882 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2882
Description  4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2882 Datasheet(HTML) 3 Page - Analog Devices

  ADN2882 Datasheet HTML 1Page - Analog Devices ADN2882 Datasheet HTML 2Page - Analog Devices ADN2882 Datasheet HTML 3Page - Analog Devices ADN2882 Datasheet HTML 4Page - Analog Devices ADN2882 Datasheet HTML 5Page - Analog Devices ADN2882 Datasheet HTML 6Page - Analog Devices ADN2882 Datasheet HTML 7Page - Analog Devices ADN2882 Datasheet HTML 8Page - Analog Devices ADN2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Technical Data
ADN2882
Rev. PrD Nov. 04 2004 | Page 3 of 10
ELECTRICAL SPECIFICATIONS
Table 1.
Parameter
Conditions1
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (BW)2
−3 dB
3.3
3.8
GHz
Total Input RMS Noise (IRMS)2
DC to 4.0 GHz
520
TBD
nA
Small Signal Transimpedance (ZT)
100MHz
2800
3800
4800
V/A
Low Frequency Cutoff
IIN = 10
µA
IIN = 500
µA
15
TBD
kHz
kHz
Output Return Loss
DC to 4.25GHz, differential
−20
−12
dB
Input Overload Current3
Pavg
TBD
3.25
dBm
Maximum Output Swing
pk-pk diff, IIN,PK- PK = 2.0 mA
180
250
350
mV
Output Data Transition Time
20% to 80% rise/fall time IIN,PK- PK = 2.5 mA
40
ps
PSRR
<10 MHz
−40
dB
Group Delay Variation
50 MHz to 1.0 GHz
TBD
ps
Transimpedance Ripple
50 MHz to 1.0 GHz
TBD
dB
Total Jitter
10 µA < IIN,PK- PK ≤ 100 µA
TBD
TBD
ps
100 µA < IIN,PK- PK ≤ 2.0 µA
TBD
TBD
ps
Deterministic Jitter
10 µA < IIN,PK- PK ≤ 100 µA
2
ps
Linear Output Range
100 µA < IIN,PK- PK ≤ 2.0 µA
Pk-pk, < 1dB compression
4
TBD
Ps
mV
DC PERFORMANCE
Power Dissipation
IIN,AVE = 0
50
75
120
mW
Input Voltage
0.85
V
Output Common Mode Voltage
DC terminated to VCC
Vcc − 0.12
V
Output Impedance
Single-ended
50
Ω
PD FILTER Resistance
RF
200
Ω
PD FILTER Capacitance
CF
20
pF
RSSI Sensitivity
IIN, AVE = 0 uA to 1 mA
0.8
V/mA
RSSI Offset
IIN, AVE = 0 uA
TBD
mV
1 Min/Max VCC = +3.3 V ± 0.3 V, Ta = −40°C to +95°C; Typ VCC = 3.3 V, Ta = +25C.
2 Photodiode capacitance CD = 0.5pF ± 0.15pF, photodiode resistance = 5 Ω . Load impedance = 50Ω (each output, ac-coupled).
3 10–10 BER, 10 dB ER,



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com