Electronic Components Datasheet Search
  English  ▼

X  

9068C Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9068C
Description  Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9068C Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9068C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9068C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9068C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9068C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9068C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9068C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION 9068C Datasheet HTML 7Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1/7
Force
Triaxial Force Sensors
for compression, tensile and shear forces
of ±3kN ... ±300kN
© 2020 ... 2023 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products
are protected by various intellectual property rights. For more details visit
www.kistler.com
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Type 9017C, 9027C, 9047C,
9067C, 9077D, 9097D
(incl. 90x8 and 90x6 sets)
High-precision triaxial force ring transducers for measurements
along any direction of the 3 spatial axes. The 3 axis sensor
series enables a simple and precise measurement of the three
perpendicular components (x/y/z) of any arbitrarily directed,
dynamic or quasi-static force.
• Accurate measurement independent of the point of force
application
• Wide frequency range
• Compact dimensions
• Stainless, sealed sensor case
• Rugged multipole plug connection
Description
The output of the piezoelectric triaxial force sensors is an ex-
tremely linear electrical charge over their entire measuring
range. This load is directly proportional to the applied force.
The sensor housing contains one quartz ring per force com-
ponent and can be precisely aligned & mounted due to its
flattened sides.
The simple and vibration-resistant design of the sensor is ex-
tremely stiff and, with its uniquely high natural frequency, en-
ables the measurement of highly dynamic force processes.
With two ceramic discs on the contact surfaces, a high coef-
ficient of friction is guaranteed on the one hand and mass-
insulated installation in the machine structure is possible on
the other. The magnitude of the measuring range of the shear
forces in the x- and y-directions depends directly on the preload
in the z direction and the resulting axial static friction.
The signals are picked up via the design-protected, 3-pole con-
nector plug V3 neg., which uses a positioning aid to ensure the
exact assignment of the connector pins and protects against
twisting.
Application
Triaxial force sensors measure:
• Cutting forces during machining
• Impact forces in crash tests
• Recoil forces of rocket engines
• Vibration forces of components for space travel
• Friction forces
• Forces in product testing
• Ground reaction forces in biomechanics
• Vehicle forces on a road and a test stand
• Forces on a wind tunnel balance


Similar Part No. - 9068C

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9068C KISTLER-9068C Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
More results

Similar Description - 9068C

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-LGA-5002 IRONWOOD-CBT-LGA-5002 Datasheet
267Kb / 4P
Compression plate distributes forces evenly.
logo
KISTLER INSTRUMENT CORP...
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
910XC KISTLER-910XC Datasheet
377Kb / 6P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
913XC KISTLER-913XC Datasheet
847Kb / 6P
Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
917XC KISTLER-917XC Datasheet
313Kb / 3P
Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
93X1C KISTLER-93X1C Datasheet
1Mb / 6P
Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
90X6C-SET KISTLER-90X6C-SET Datasheet
921Kb / 7P
Triaxial Force Sensors for compression, tensile and shear forces of ±3kN ... ±300kN
9211B KISTLER-9211B Datasheet
329Kb / 2P
Quartz Crystal Miniature Force Sensor for Measuring Dynamic and Quasistatic Forces
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com