Electronic Components Datasheet Search
  English  ▼

X  

9136C Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9136C
Description  Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9136C Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9136C Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9136C Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9136C Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9136C Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9136C Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION 9136C Datasheet HTML 6Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Force
Piezoelectric force sensor SlimLine
Piezoelectric ring force transducers for tensile and
compression forces from 3 kN to 80 kN
Page 1/6
© 2021 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group
products are protected by various intellectual property rights. For more details
visit www.kistler.com.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Types 9130C, 9132C,
9133C, 9134C, 9135C,
9136C, 9137C
Piezoelectric force sensors, also known as piezoelectric ring force
transducers, with extremely flat design for precisely measuring
compression forces. Maximum resolution capacity, high stiffness
and extremely compact dimensions enable ideal installation in
mechanical structures. The case is hermetically sealed and has an
integrated, splash-proof connecting cable with connector.
The piezoelectric force sensors SlimLine are supplied uncalibrated
and must be calibrated in situ after mounting for absolute mea-
surements.
• Extremely small size with large measuring range
• Flexible mounting in force shunt mode
• Also suitable for tensile forces when preloaded
• Measures practically free of displacement, wear and fatigue
• Measures even small forces with high resolution
• Sealed housing (IP65)
• Integrated, non-detachable cable with fluoroelastomer sheath
Description
The force Fz to be measured acts on the sensor via the preloaded
or mounting structure and produces a charge that is directly propor-
tional to the force. This is measured by an electrode and fed to the
charge amplifier via the integrated cable.
1) The preloading force is to be adjusted according to the desired tensile/compression force
range. The measuring range is thereby reduced proportionately
2) Applies with recommended preload
3) The IP degree of protection acc. to EN60529 is determined with water. Oils, emulsions,
cooling lubricants, etc., usually have a better wetting and penetration capacity. The degree
of protection in contact with such liquids is to be classified lower accordingly.
Fz
Technical data
To meet the specifications, the sensors must be operated and counterchecked with 20% preload.
Type
9130C
9132C
9133C
9134C
9135C
9136C
9137C
Measuring range Fz
kN
0 … 3
0 … 7
0 ... 14
0 ... 26
0 ... 36
0 ... 62
0 ... 80
Overload
kN
3.5
8
17
30
42
72
96
Preloading force (recommended) 1)
kN
0.6
1.4
2.8
5.2
7.2
12.4
16
Nom. sensitivity
pC/N
-3.6 ± 0.3
-3.9 ± 0.3
-4.0 ± 0.3
-4.2 ± 0.3
-4.3 ± 0.3
-4.2 ± 0.3
Nom. sensitivity
with preloading set (approx. -8%)
pC/N
-3.3 ± 0.3
-3.6 ± 0.3
-3.7 ± 0.3
-3.9 ± 0.3
-4.0 ± 0.3
-3.9 ± 0.3
Linearity including hysteresis 2)
%FSO
≤±1
Max. bending moment Mxy max.
(single load), calc.
N·m
1.4
4.9
15.4
35.0
62.2
134.5
195.7
Axial stiffness (calc.)
kN/μm
1.0
2.3
3.2
5.9
8.2
13.2
19.0
Lateral stiffness (calc.)
kN/μm
0.2
0.6
1.0
1.8
2.7
4.4
6.2
Shear stiffness (calc.)
kN/μm
0.3
0.8
1.2
2.1
3.0
4.9
6.9
Torsional stiffness (calc.)
N·m/°
52
263
853
2,348
4,812
12,174
23,997
Bending stiffness (calc.)
N·m/°
46
253
754
2,303
4,815
12,753
26,443
Insulation resistance
Ω
≥1·1013
Operating temperature range DT
°C
-20 … 120
Temperature coeff. of the sensitivity
%/°C
-0.02
Plug connection
KIAG 10 – 32 pos. int.
Degree of protection 3)
EN60529
IP65
Case material
DIN
1,4542
Mass
g
1
2
3
5
7
14
27
Application
Because of their exceptional stiffness, SlimLine sensors are especially
well suited for measuring dynamic forces. Cyclic measurements or
measurements over several minutes are also possible, however.
The sensor is especially well suited for measuring forces in shunt
mode (Fig. 4). This means that the sensor is embedded and
preloaded in a structure. As a result, it is loaded with only part of
the process force.
Its especially small size is ideally suited for installation in structures
such as force plates, fitting strips and tools. The sensor is used in
industrial production processes in which forces are monitored or
measured. Used in combination with a ControlMonitor, the sensor
is ideal for quality control and monitoring.


Similar Part No. - 9136C

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9136CA KISTLER-9136CA Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
9136CA29 KISTLER-9136CA29 Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
9136CA39 KISTLER-9136CA39 Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
9136CA49 KISTLER-9136CA49 Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
More results

Similar Description - 9136C

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
910XC KISTLER-910XC Datasheet
377Kb / 6P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
914XB KISTLER-914XB Datasheet
295Kb / 5P
SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
917XC KISTLER-917XC Datasheet
313Kb / 3P
Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
Press Force Sensor 0 … 50 N to 0 … 20 kN
93X1C KISTLER-93X1C Datasheet
1Mb / 6P
Piezoelectric Load Cells for measuring dynamic and quasistatic tensile and compression forces
93X3A KISTLER-93X3A Datasheet
1Mb / 10P
Press Force Sensor 0 … 5 N to 0 … 700 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
913XCA-SET KISTLER-913XCA-SET Datasheet
305Kb / 3P
Piezoelectric force sensor kit SlimLine Piezoelectric force sensor kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com