Electronic Components Datasheet Search
  English  ▼

X  

9147B21 Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9147B21
Description  SlimLine Sensor (SLS) Measurement of Dynamic and Quasistatic Shear Forces –0,9 … 0,9 kN up to 0 … ±8 kN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9147B21 Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9147B21 Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9147B21 Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9147B21 Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9147B21 Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION 9147B21 Datasheet HTML 5Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2009 ... 2016, Kistler Group,
Eulachstrasse 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, Fax +41 52 224 14 14, info@kistler.com, www.kistler.com
Kistler is a registered trademark of Kistler Holding AG.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Page 1/5
Force
SlimLine Sensor (SLS)
Measurement of Dynamic and Quasistatic Shear Forces
–0,9 … 0,9 kN up to 0 …
±8 kN
Type 9143B… up to 9147B…
Quartz sensor with extremely flat design for measuring
dynamic and quasistatic shear forces in one direction.
Maximum resolution, high rigidity, extremely small dimensions.
Ideal for installation in structures. Welded construction with
integrated connecting cable sealed in the case and with a
selection of plug connectors.
SlimLine sensors are supplied uncalibrated and must be
calibrated in situ after installation.
• Extremely small size with up to 8 kN measuring range
(shear force)
• Flexible mounting in structures
• Sealed case (IP65)
• Integral non-detachable cable with Fluoropolymer sheath
Description
The sensor contains two quartz elements sensitive to shear
force in one direction. The force to be measured is transmitted
by stiction to the quartz elements and these produce an
electrical charge directly proportional to the force applied.
The cable connection to the sensor case is tightly sealed to
provide degree of protection IP65.
Application
The sensor is used in industrial manufacturing processes
requiring measurement and partial monitoring of shear forces.
In conjunction with a ControlMonitor this sensor is ideal
for quality control and monitoring of large-scale industrial
production. Its particularly slim profile makes it perfect for
mounting in structures such as force plates, tools and machine
frames. Where very large shear forces have to be measured, or
positioning directly in the force flux is not possible, the sensor
is shunt mounted. It then measures only part of the process
force and the rest is shunted. This means a smaller measuring
range than with direct shear force measurement can normally
be used to provide a more cost-effective solution. Another
advantage is the high overload protection provided by force
shunt measurement.
Examples of Applications
• Monitoring of shear forces in machinery, tools and assembly
processes.
• Construction of platforms and dynamometers with small
dimensions.
Technical Data
Linearity incl. hysteresis (pretensioned)
%FSO
≤±1
Threshold
N
<0,01
Operating temperature range
°C
–20 … 120
Insulation resistance
Ω
≥1013
Degree of protection1)
EN60529
IP65
Fy
Other Technical Datal
Basic Type
Range
Overload
Sensitivity
Rigidity
Pretensioning
External
Internal
Height
Weight
Fy
Fy
(axial)
force (axial)2)
diameter
diameter
[kN]
[kN]
[pC/N]
[kN/µm]
[kN]
D [mm]
d [mm]
H [mm]
m [g]
9143B…
0 ... ±0,9
1,1
–6,5
≈2,5
9,0
16,0
6,1
3,5
3,0
9144B…
0 ... ±1,7
2,0
–7,5
≈5,6
17,0
20,0
8,1
3,5
5,0
9145B…
0 ... ±2,7
3,3
–7,5
≈7,0
27,0
24,0
10,1
3,5
7,0
9146B…
0 ... ±4,0
4,7
–7,5
≈8,0
40,0
30,0
12,1
4,0
14,0
9147B…
0 ... ±8,0
10,0
–8,1
≈16,0
80,0
36,0
14,1
5,0
27,0
1) The degree of protection according EN60529 is determined by water, oil, emulsions, cooling lubricant etc. have mostly a better wetting and
penetration ability. The degree of protection in contact with such liquid is classified accordingly lower.
2) Cannot be measured by the sensor


Similar Part No. - 9147B21

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
9147BA KISTLER-9147BA Datasheet
841Kb / 5P
Set SlimLine with Integrated, Single-Component SlimLine Shear Force Sensor
More results

Similar Description - 9147B21

ManufacturerPart #DatasheetDescription
logo
KISTLER INSTRUMENT CORP...
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
910XC KISTLER-910XC Datasheet
377Kb / 6P
Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
913XC KISTLER-913XC Datasheet
847Kb / 6P
Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
917XC KISTLER-917XC Datasheet
313Kb / 3P
Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
Press Force Sensor 0 … 50 N to 0 … 20 kN
93X3A KISTLER-93X3A Datasheet
1Mb / 10P
Press Force Sensor 0 … 5 N to 0 … 700 kN
93X7-8C KISTLER-93X7-8C Datasheet
1Mb / 6P
Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
4578A KISTLER-4578A Datasheet
958Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
9211B KISTLER-9211B Datasheet
329Kb / 2P
Quartz Crystal Miniature Force Sensor for Measuring Dynamic and Quasistatic Forces
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com