Electronic Components Datasheet Search
  English  ▼

X  

9345B Datasheet(PDF) 1 Page - KISTLER INSTRUMENT CORPORATION

Part # 9345B
Description  2-Component Sensor Fz, Mz –20 … 20 kN and –200 … 200 N·m
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KISTLER [KISTLER INSTRUMENT CORPORATION]
Direct Link  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION

9345B Datasheet(HTML) 1 Page - KISTLER INSTRUMENT CORPORATION

  9345B Datasheet HTML 1Page - KISTLER INSTRUMENT CORPORATION 9345B Datasheet HTML 2Page - KISTLER INSTRUMENT CORPORATION 9345B Datasheet HTML 3Page - KISTLER INSTRUMENT CORPORATION 9345B Datasheet HTML 4Page - KISTLER INSTRUMENT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1/4
Force
2-Component Sensor Fz, Mz
–20 … 20 kN and –200 … 200 N·m
© 2007 ... 2023 Kistler Group,
Eulachstraße 22, 8408 Winterthur, Switzerland
Tel. +41 52 224 11 11, info@kistler.com, www.kistler.com. Kistler Group products
are protected by various intellectual property rights. For more details visit
www.kistler.com.
This information corresponds to the current state of knowledge. Kistler reserves
the right to make technical changes. Liability for consequential damage resulting
from the use of Kistler products is excluded.
Type 9345B, 9365B
This installation-friendly, piezoelectric 2-component sensor is
suitable for measuring push/pull force Fz and a torque Mz
acting on the sensor axis. Its high resolution allows measure-
ment of the slightest dynamic changes in large forces and
torques at non-rotating shafts.
• Very compact, ready to install sensor
• High rigidity and high natural frequency
• Flexible adaption with mounting threads in double flanges
• Centering seats for coaxial mounting and optimum intro-
duction of torque
• Center hole for shaft passage
Description
Pressure and shear sensitive quartz disks are integrated under
high preload between a hollow preload screw and a nut de-
signed as the sensor case. Because of the extremely high
rigidity of the sensor elements, the components Fz and Mz
are measured practically without change of stroke or angle.
The force and torque-proportional charge signal is picked up
by electrodes and fed via a shielded cable to the charge am-
plifier. The latter converts the charge signals into proportional
output voltages, which can be recorded and evaluated.
Flanges with tapped holes in the top and bottom sides of the
sensor allow simple mounting on a shaft or adapter flange.
Centering seats on both sides permit a very accurate coaxial
fitting and a centric bore allows shafts to be inserted.
The sensor is rust-resistant and splash-water-protected. To-
gether with the connecting cable Type 1698AD2, the sensor
achieves the degree of protection IP65.
It should be noted that the measuring ranges are reduced by
combined and eccentric loads.
Application
• Measuring feed force and torque when drilling, thread cut-
ting etc.
• Monitoring of screw driving processes and testing threaded
fasteners
• Testing springs (torsion)
• Measurements on small thrust bearings, friction clutches etc.
• Measuring starting torques, irregular motion and torsional
vibration on small servo and stepping motors
• Testing rotary switches and screw caps
Technical Data
l
Type
9345B
9365B
Measuring range
Fz
kN
–10 … 10
–20 … 20
Mz
N·m
–25 … 25
–200 … 200
Overload
Fz
kN
–12/12
–24/24
Mz
N·m
–30/30
–210/210
Calibrated measuring
ranges
100 %
Fz
kN
0 … 10
0 … 20
Mz
N·m
0 … 25
0 … 200
0 … –25
0 … –200
10 %
Fz
kN
0 … 1
0 … 2
Mz
N·m
0 … 2,5
0 … 20
0 … –2,5
0 … –20
Sensitivity
Fz
pC/N
≈–3,7
≈–3,6
Mz
pC/N·m
≈–190
≈–140
Fz
Mz
Type 9365B
Type 9345B


Similar Part No. - 9345B

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9345 KEYSTONE-9345 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
934512100 BELDEN-934512100 Datasheet
378Kb / 2P
G-Series Power Field Attachable Connector: Female, angled, 4-pin, black body, solder type; 50V AC/DC, 6 A
More results

Similar Description - 9345B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK22-L MCC-SK22-L Datasheet
358Kb / 4P
2 Amp Schottky Rectifier 20 to 200 Volts
SS22-L MCC-SS22-L Datasheet
332Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
logo
Protek Devices
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
logo
Micro Commercial Compon...
SS210-LTP MCC-SS210-LTP Datasheet
347Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
SS24-LTP MCC-SS24-LTP Datasheet
347Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
SS25-LTP MCC-SS25-LTP Datasheet
347Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
SS22-L MCC-SS22-L_14 Datasheet
266Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
logo
KISTLER INSTRUMENT CORP...
93X7-8C KISTLER-93X7-8C Datasheet
1Mb / 6P
Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
9281E KISTLER-9281E Datasheet
1,001Kb / 4P
Multicomponent Force Plate for Dynamic Applications in Biomechanics, Fz –10 ... 20 kN
9287C KISTLER-9287C Datasheet
758Kb / 4P
Multicomponent force plate Large – for dynamic applications in biomechanics, Fz –10 ... 20 kN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com